Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS12JC35 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LMS12JC35
Description  12-bit Cascadable Multiplier-Summer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMS12JC35 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

  LMS12JC35 Datasheet HTML 1Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 2Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 3Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 4Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 5Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 6Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 7Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 8Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DEVICES INCORPORATED
LMS12
12-bit Cascadable Multiplier-Summer
Multiplier-Summers
08/16/2000–LDS.S12-J
6
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
LMS12–
65*
50*
40*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCP
Clock Period
40
35
30
tPW
Clock Pulse Width
15
15
12
tSAB
A, B, Data Setup Time
15
15
12
tSC
C Data Setup Time
15
15
12
tSEN
ENA, ENB, ENC Setup Time
15
15
12
tHAB
A, B, Data Hold Time
5
5
5
tHC
C Data Hold Time
5
5
5
tHEN
ENA, ENB, ENC Hold Time
5
5
5
tD
Clock to S–FT = 1
50
45
35
Clock to S–FT = 0
25
25
25
tENA
Three-State Output Enable Delay (Note 11)
25
25
25
tDIS
Three-State Output Disable Delay (Note 11)
22
22
22
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS
HIGH IMPEDANCE
INPUTS
A, B, C
tENA
tDIS
tPW
tSAB
tSC
tSEN
ENA
ENB, ENC
CLOCK
OE
tD
S OUTPUTS
tHEN
tPW
R OUTPUTS
tHAB
tHC
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com