Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH33 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LSH33
Description  32-bit Barrel Shifter with Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH33 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LSH33 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
08/16/2000–LDS.33-O
1
LSH33
32-bit Barrel Shifter with Registers
u
u
u
u
u 32-bit Input, 32-bit Output Multi-
plexed to 16 Lines
u
u
u
u
u Full 0-31 Position Barrel Shift
Capability
u
u
u
u
u Integral Priority Encoder for 32-bit
Floating Point Normalization
u
u
u
u
u Sign-Magnitude or Two’s Comple-
ment Mantissa Representation
u
u
u
u
u 32-bit Linear Shifts with Sign or
Zero Fill
u
u
u
u
u Independent Priority Encoder
Outputs for Block Floating Point
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LSH33
32-bit Barrel Shifter with Registers
DEVICES INCORPORATED
LSH33 BLOCK DIAGRAM
The LSH33 is a 32-bit high speed
shifter designed for use in floating
point normalization, word pack/
unpack, field extraction, and similar
applications. It has 32 data inputs,
and 16 output lines. Any shift con-
figuration of the 32 inputs, including
circular (barrel) shifting, left shifts
with zero fill, and right shifts with
sign extension are possible. In addi-
tion, a built-in priority encoder is
provided to aid floating point normal-
ization.
Input/Output registers provide
complete pipelined operation. Both
have independent bypass paths for
complete flexibility. When FTI = 1,
the input registers are bypassed.
Likewise, when FTO= 1, the output
registers are bypassed.
SHIFT ARRAY
The 32 inputs, which can be regis-
tered, to the LSH33 are applied to a
32-bit shift array. The 32 outputs,
which can also be registered, of this
array are then multiplexed down to
16 lines for presentation at the device
outputs. The array may be configured
such that any contiguous 16-bit field
(including wraparound of the 32
inputs) may be presented to the
output pins under control of the shift
code field (wrap mode). Alterna-
tively, the wrap feature may be
disabled, resulting in zero or sign bit
fill, as appropriate (fill mode). The
shift code control assignments and the
resulting input to output mapping for
the wrap mode are shown in Table 1.
Essentially the LSH33 is configured as
a left shift device. That is, a shift code
of 000002 results in no shift of the
input field. A code of 000012 provides
an effective left shift of 1 position, etc.
When viewed as a right shift, the shift
code corresponds to the two’s comple-
ment of the shift distance, i.e., a shift
code of 111112 (–110) results in a right
shift of one position, etc.
When not in the wrap mode, the
LSH33 fills bit positions for which
there is no corresponding input bit.
The fill value and the positions filled
depend on the RIGHT/LEFT (R/L)
direction pin. This pin is a don’t care
input when in wrap mode. For left
shifts in fill mode, lower bits are filled
with zero as shown in Table 2. For
right shifts, however, the SIGN input
is used as the fill value. Table 3
depicts the bits to be filled as a
function of shift code for the right shift
case. Note that the R/L input changes
only the fill convention, and does not
affect the definition of the shift code.
16
OE
MS/LS
32-bit
BARREL
SHIFT
ARRAY
16
2:1
32:5
PRIORITY
ENCODE
32
5
32
SIGN
NORM
RIGHT/LEFT
FILL/WRAP
5
GG
GG
2:1
2:1
2:1
2:1
ENO
CLK
ENI
CLK
FTO
FTI
G
2:1
5
I31-I0
Y15-Y0
SI/O4-SI/O0
16


Similar Part No. - LSH33

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LSH33 MCC-LSH33 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results

Similar Description - LSH33

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
32-bit Cascadable Barrel Shifter
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
ALU and Barrel Shifter
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
ALU and Barrel Shifter
logo
Texas Instruments
TMS3122 TI-TMS3122 Datasheet
210Kb / 4P
HEX 32-BIT STATIC SHIFT REGISTERS
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
ALU and Barrel Shifter
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
ALU and Barrel Shifter
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com