Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH33 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LSH33
Description  32-bit Barrel Shifter with Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH33 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LSH33 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
08/16/2000–LDS.33-O
3
LSH33
32-bit Barrel Shifter with Registers
TABLE 3.
FILL MODE SHIFT CODE DEFINITIONS — RIGHT SHIFT
TABLE 4.
PRIORITY ENCODER FUNCTION TABLE
I
I
I
I
I31
31
31
31
31
I
I
I
I
I30
30
30
30
30
I
I
I
I
I29
29
29
29
29
•••
•••
•••
•••
•••
I
I
I
I
I16
16
16
16
16
I
I
I
I
I15
15
15
15
15
•••
•••
•••
•••
•••
I
I
I
I
I2
2
2
2
2
I
I
I
I
I1
1
1
1
1
I
I
I
I
I0
0
0
0
0
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
1X
X
•••
XX
•••
X
X
X
00000
01
X
•••
XX
•••
X
X
X
00001
001
•••
XX
•••
X
X
X
00010
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
000
•••
1X
•••
X
X
X
01111
000
•••
01
•••
X
X
X
10000
000
•••
00
•••
X
X
X
10001
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
000
•••
00
•••
0
1
X
11110
000
•••
00
•••
0
0
1
11111
000
•••
00
•••
0
0
0
11111
This affects only the encoder inputs;
the shift array always operates on the
raw input data. The priority encoder
function table is shown in Table 4.
NORMALIZE MULTIPLEXER
The NORM input, when asserted,
results in the priority encoder output
driving the internal shift code inputs
directly. When using the NORM
function, the LSH33 should be placed
in fill mode, with the R/L input low.
When NORM is high (not asserted),
the SI/O4–SI/O0 port acts as the shift
code input to the shifter.
APPLICATIONS EXAMPLES
Normalization of mantissas up to 32
bits can be accomplished directly by a
single LSH33. To do this, the NORM
input is asserted, and fill mode and
left shift are selected. The normalized
mantissa is then available at the
device output in two 16-bit segments,
under the control of the output data
multiplexer select, the MS/LS signal.
If it is desirable to avoid the necessity
of multiplexing output data in 16-bit
segments, two LSH33 devices can be
used in parallel. Both devices receive
the same input word, with the MS/LS
select line of one wired high, and the
other low. Each device will then
independently determine the shift
distance required for normalization,
and the full 32 bits of output data will
be available simultaneously.
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
Y
Y
Y
Y
Y 31
31
31
31
31
Y
Y
Y
Y
Y 30
30
30
30
30
Y
Y
Y
Y
Y 29
29
29
29
29
•••
•••
•••
•••
•••
Y
Y
Y
Y
Y 16
16
16
16
16
Y
Y
Y
Y
Y 15
15
15
15
15
•••
Y
Y
Y
Y
Y2
2
2
2
2
Y
Y
Y
Y
Y1
1
1
1
1
Y
Y
Y
Y
Y0
0
0
0
0
00000
S
S
S
•••
SS
•••
SSS
00001
S
S
S
•••
SS
•••
SS
I31
00010
S
S
S
•••
SS
•••
SI31
I30
00011
S
S
S
•••
SS
•••
I31
I30
I29
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
01111
S
S
S
•••
SS
•••
I19
I18
I17
10000
S
S
S
•••
SI31
•••
I18
I17
I16
10001
S
S
S
•••
I31
I30
•••
I17
I16
I15
10010
S
S
S
•••
I30
I29
•••
I16
I15
I14
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
11100
S
S
S
•••
I20
I19
•••
I6
I5
I4
11101
S
S
S
•••
I19
I18
•••
I5
I4
I3
11110
S
S
I31
•••
I18
I17
•••
I4
I3
I2
11111
S
I31
I30
•••
I17
I16
•••
I3
I2
I1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com