Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH33 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LSH33
Description  32-bit Barrel Shifter with Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH33 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LSH33 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH33 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
08/16/2000–LDS.33-O
2
Special Arithmetic Functions
DEVICES INCORPORATED
LSH33
32-bit Barrel Shifter with Registers
TABLE 1.
WRAP MODE SHIFT CODE DEFINITIONS
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
Y
Y
Y
Y
Y31
31
31
31
31
Y
Y
Y
Y
Y30
30
30
30
30
Y
Y
Y
Y
Y29
29
29
29
29
•••
•••
•••
•••
•••
Y
Y
Y
Y
Y 16
16
16
16
16
Y
Y
Y
Y
Y 15
15
15
15
15
•••
Y
Y
Y
Y
Y2
2
2
2
2
Y
Y
Y
Y
Y1
1
1
1
1
Y
Y
Y
Y
Y0
0
0
0
0
00000
I31
I30
I29
•••
I16
I15
•••
I2
I1
I0
00001
I30
I29
I28
•••
I15
I14
•••
I1
I0
I31
00010
I29
I28
I27
•••
I14
I13
•••
I0
I31
I30
00011
I28
I27
I26
•••
I13
I12
•••
I31
I30
I29
•••
••••
•••
•••
•••
••••
•••
•••
•••
••••
•••
•••
01111
I16
I15
I14
•••
I1
I0•••
I19
I18
I17
10000
I15
I14
I13
•••
I0
I31
•••
I18
I17
I16
10001
I14
I13
I12
•••
I31
I30
•••
I17
I16
I15
10010
I13
I12
I11
•••
I30
I29
•••
I16
I15
I14
•••
••••
•••
•••
•••
••••
•••
•••
•••
••••
•••
•••
11100
I3
I2
I1•••
I20
I19
•••
I6
I5
I4
11101
I2
I1
I0•••
I19
I18
•••
I5
I4
I3
11110
I1
I0
I31
•••
I18
I17
•••
I4
I3
I2
11111
I0
I31
I30
•••
I17
I16
•••
I3
I2
I1
TABLE 2.
FILL MODE SHIFT CODE DEFINITIONS — LEFT SHIFT
In fill mode, as in wrap mode, the shift
code input represents the number of
shift positions directly for left shifts,
but the two’s complement of the shift
code results in the equivalent right
shift. However, for fill mode the R/L
input can be viewed as the most
significant bit of a 6-bit two’s comple-
ment shift code, comprised of R/L
concatenated with the SI4–SI0 lines.
Thus, a positive shift code (R/L = 0)
results in a left shift of 0–31 positions,
and a negative code (R/L = 1) a right
shift of up to 32 positions. The LSH33
can thus effectively select any contigu-
ous 32-bit field out of a (sign extended
and zero filled) 96-bit "input."
OUTPUT MULTIPLEXER
The shift array outputs can be regis-
tered and then applied to a 2:1 multi-
plexer controlled by the MS/LS select
line. This multiplexer makes available
at the output pins either the most
significant or least significant 16
outputs of the shift array.
PRIORITY ENCODER
The 32-bit input bus drives a priority
encoder which is used to determine
the first significant position for
purposes of normalization. The
priority encoder produces a five-bit
code representing the location of the
first non-zero bit in the input word.
Code assignment is such that the
priority encoder output represents the
number of shift positions required to
left align the first non-zero bit of the
input word. Prior to the priority
encoder, the input bits are individu-
ally exclusive OR’ed with the SIGN
input. This allows normalization in
floating point systems using two’s
complement mantissa representation.
A negative value in two’s complement
representation will cause the exclusive
OR gates to invert the input data to
the encoder. As a result, the leading
significant digit will always be "1."
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
Y
Y
Y
Y
Y31
31
31
31
31
Y
Y
Y
Y
Y30
30
30
30
30
Y
Y
Y
Y
Y29
29
29
29
29
•••
•••
•••
•••
•••
Y
Y
Y
Y
Y 16
16
16
16
16
Y
Y
Y
Y
Y 15
15
15
15
15
•••
Y
Y
Y
Y
Y2
2
2
2
2
Y
Y
Y
Y
Y1
1
1
1
1
Y
Y
Y
Y
Y0
0
0
0
0
00000
I31
I30
I29
•••
I16
I15
•••
I2
I1
I0
00001
I30
I29
I28
•••
I15
I14
•••
I1
I0
0
00010
I29
I28
I27
•••
I14
I13
•••
I0
00
00011
I28
I27
I26
•••
I13
I12
•••
000
•••
••••
•••
•••
•••
••••
•••
•••
•••
••••
•••
•••
01111
I16
I15
I14
•••
I1
I0•••
000
10000
I15
I14
I13
•••
I0
0
•••
000
10001
I14
I13
I12
•••
00
•••
000
10010
I13
I12
I11
•••
00
•••
000
•••
••••
•••
•••
•••
••••
•••
•••
•••
••••
•••
•••
11100
I3
I2
I1•••
00
•••
000
11101
I2
I1
I0•••
00
•••
000
11110
I1
I0
0
•••
00
•••
000
11111
I0
00
•••
00
•••
000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com