Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDTA06 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMDTA06
Description  80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDTA06 Datasheet(HTML) 5 Page - Diodes Incorporated

  MMDTA06 Datasheet HTML 1Page - Diodes Incorporated MMDTA06 Datasheet HTML 2Page - Diodes Incorporated MMDTA06 Datasheet HTML 3Page - Diodes Incorporated MMDTA06 Datasheet HTML 4Page - Diodes Incorporated MMDTA06 Datasheet HTML 5Page - Diodes Incorporated MMDTA06 Datasheet HTML 6Page - Diodes Incorporated MMDTA06 Datasheet HTML 7Page - Diodes Incorporated MMDTA06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMDTA06
Document Number: DS35114 Rev: 2 - 2
5 of 8
www.diodes.com
May 2015
© Diodes Incorporated
MMDTA06
Typical Electrical Characteristics (@TA = +25°C unless otherwise specified.)
25
50
75
100
125
0.01
0.1
1
10
1m
10m
100m
0.0
0.1
0.2
0.3
1m
10m
100m
1
0
50
100
150
200
250
1m
10m
100m
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
0.2
0.4
0.6
0.8
1.0
10m
100m
1
10
100
0
10
20
30
40
50
60
70
I
CBO
v T
A
V
CB
= 80V
T
A
Ambient Temperature (°C)
125°C
V
BE(sat)
v I
C
I
C
/I
B
=10
25°C
-40°C
I
C
Collector Current (A)
h
FE
v I
C
V
CE
=1V
-40°C
25°C
125°C
I
C
Collector Current (A)
25°C
V
CE(sat)
v I
C
I
C
/I
B
=10
125°C
-40°C
I
C
Collector Current (A)
V
BE(on)
v I
C
V
CE
=5V
125°C
25°C
-40°C
I
C
Collector Current (A)
Capacitance v Voltage
f = 1MHz
Cobo
Cibo
Voltage(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com