Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDTA06 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDTA06
Description  80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDTA06 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDTA06 Datasheet HTML 1Page - Diodes Incorporated MMDTA06 Datasheet HTML 2Page - Diodes Incorporated MMDTA06 Datasheet HTML 3Page - Diodes Incorporated MMDTA06 Datasheet HTML 4Page - Diodes Incorporated MMDTA06 Datasheet HTML 5Page - Diodes Incorporated MMDTA06 Datasheet HTML 6Page - Diodes Incorporated MMDTA06 Datasheet HTML 7Page - Diodes Incorporated MMDTA06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MMDTA06
Document Number: DS35114 Rev: 2 - 2
1 of 8
www.diodes.com
May 2015
© Diodes Incorporated
MMDTA06
80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features & Benefits
BVCEO > 80V
ICM = 1A Peak Pulse Current
General purpose NPN transistors ideally suited for low power
amplification and switching applications
Dual transistors in a single SOT26 package taking half the
footprint of two equivalent transistors in SOT23
Epitaxial Planar Die Construction
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.015 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMDTA06-7
A06
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging
details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
SOT26
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Device Symbol
Top View
Pin-Out
C1
E1
C2
B1
E2
B2
Top View
SOT26
C2
E2
B2
C1
E1
B1
A06 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
A06


Similar Part No. - MMDTA06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDTA06 DIODES-MMDTA06_15 Datasheet
425Kb / 8P
80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 2
More results

Similar Description - MMDTA06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDTA06 DIODES-MMDTA06_15 Datasheet
425Kb / 8P
80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 2
MMSTA06Q DIODES-MMSTA06Q Datasheet
497Kb / 6P
80V NPN SMALL SIGNAL TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com