Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDTA06 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMDTA06
Description  80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDTA06 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMDTA06 Datasheet HTML 1Page - Diodes Incorporated MMDTA06 Datasheet HTML 2Page - Diodes Incorporated MMDTA06 Datasheet HTML 3Page - Diodes Incorporated MMDTA06 Datasheet HTML 4Page - Diodes Incorporated MMDTA06 Datasheet HTML 5Page - Diodes Incorporated MMDTA06 Datasheet HTML 6Page - Diodes Incorporated MMDTA06 Datasheet HTML 7Page - Diodes Incorporated MMDTA06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMDTA06
Document Number: DS35114 Rev: 2 - 2
2 of 8
www.diodes.com
May 2015
© Diodes Incorporated
MMDTA06
Absolute Maximum Ratings (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
6
V
Continuous Collector Current
IC
500
mA
Peak Pulse Collector Current
ICM
1
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 7)
PD
1.28
10.3
W
mW/°C
(Notes 5 & 7)
0.90
7.14
Thermal Resistance, Junction to Ambient
(Notes 6 & 7)
RJA
97
°C/W
(Notes 5 & 7)
140
Thermal Resistance, Junction to Lead
(Note 8)
RJL
103
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Same as Note 5, except the device is measured at t
 5 seconds.
7. For a dual device with one active die.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com