Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 46 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 46 Page - NEC

Back Button UPD78P014 Datasheet HTML 42Page - NEC UPD78P014 Datasheet HTML 43Page - NEC UPD78P014 Datasheet HTML 44Page - NEC UPD78P014 Datasheet HTML 45Page - NEC UPD78P014 Datasheet HTML 46Page - NEC UPD78P014 Datasheet HTML 47Page - NEC UPD78P014 Datasheet HTML 48Page - NEC UPD78P014 Datasheet HTML 49Page - NEC UPD78P014 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46
µPD78P014
Program Operation
AC Characteristics (Ta = 25
± 5 °C, VDD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V, VSS = 0 V)
Note Corresponding
µPD27C256A symbol.
MIN.
TYP.
MAX.
Unit
2
µs
2
µs
2
µs
2
µs
2
µs
0
130
ns
1ms
1ms
0.95
1.0
1.05
ms
2.85
78.75
ms
1
µs
Parameter
Address setup time (to CE
↓)
OE
↓ delay time from data
Input data setup time (to CE
↓)
Address hold time (from CE
↑)
Input data hold time
(from CE
↑)
Output data hold time
(from OE
↑)
VPP setup time (to CE
↓)
VDDP setup time (to CE
↓)
Initial program pulse width
Additional program pulse width
Data output time from OE
↓
Symbol
tSAC
tDDOO
tSIDC
tHCA
tHCID
tHOOD
tSVPC
tSVDC
tWL1
tWL2
tDOOD
Note Corresponding
µPD27C256A symbol.
PROM Mode Setting
AC Characteristics (Ta = 25
± 5 °C, VSS = 0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
PROM mode setup time
tSMA
10
µs
Read Operation
AC Characteristics (Ta = 25
± 5 °C, VDD = 5.0 ± 0.5 V, VPP = VDD, VSS = 0 V)
Symbol
SymbolNote
tDAOD
tACC
tDCOD
tCE
tDOOD
tOE
tHCOD
tDF
tHAOD
tOH
Parameter
Data output time from address
Data output time from CE
↓
Data output time from OE
↓
Data hold time (from OE
↑)
Data hold time (from address)
MIN.
TYP.
MAX.
Unit
200
ns
200
ns
75
ns
060
ns
0ns
SymbolNote
tAS
tOES
tDS
tAH
tDH
tDF
tVPS
tVDS
tPW
tOPW
tOE
Test Conditions
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com