Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 15 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 15 Page - NEC

Back Button UPD78P014 Datasheet HTML 11Page - NEC UPD78P014 Datasheet HTML 12Page - NEC UPD78P014 Datasheet HTML 13Page - NEC UPD78P014 Datasheet HTML 14Page - NEC UPD78P014 Datasheet HTML 15Page - NEC UPD78P014 Datasheet HTML 16Page - NEC UPD78P014 Datasheet HTML 17Page - NEC UPD78P014 Datasheet HTML 18Page - NEC UPD78P014 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
15
µPD78P014
Pin Name
RESET
VPP
A0 to A14
D0 to D7
CE
OE
VDD
VSS
Input
Input
—
—
Input
Input
—
Input
—
—
—
—
Alternate
Function
Function
Pin Name
I/O
ANI0 to ANI7
AVREF
AVDD
AVSS
RESET
X1
X2
XT1
XT2
VDD
VPP
VSS
P10 to P17
—
—
—
—
—
—
P04
—
—
—
—
(2)
Non port pins (2/2)
After Reset
Function
A/D converter analog input.
A/D converter reference voltage input.
A/D converter analog power supply. Connect to VDD.
A/D converter ground potential. Connect to VSS.
System reset input.
Main system clock oscillation crystal connection.
Subsystem clock oscillation crystal connection.
Positive power supply.
(High voltage application for program write/verify. Directly connected
to VSS in normal operating mode.)
Ground potential
Input
—
—
—
—
—
—
Input
—
—
—
—
I/O
Input
Input
Input
Input/
output
Input
Input
—
—
PROM programming mode setting.
When +5 V or +12.5 V is applied to the VPP pin and a low-level signal to the RESET pin, the PROM
programming mode is set.
PROM programming mode setting and high voltage application for program write/verify.
Address bus.
Data bus.
PROM enable input/program pulse input.
PROM read strobe input.
Positive power supply.
Ground potential.
2.2
PROM Programming Mode Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com