Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 52 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 52 Page - NEC

Back Button UPD78P014 Datasheet HTML 48Page - NEC UPD78P014 Datasheet HTML 49Page - NEC UPD78P014 Datasheet HTML 50Page - NEC UPD78P014 Datasheet HTML 51Page - NEC UPD78P014 Datasheet HTML 52Page - NEC UPD78P014 Datasheet HTML 53Page - NEC UPD78P014 Datasheet HTML 54Page - NEC UPD78P014 Datasheet HTML 55Page - NEC UPD78P014 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
52
µPD78P014
VOL vs IOL (P60 to P63)
VOH vs IOH (Ports 0 to 5, P64 to P67)
(Ta = 25
°C)
(Ta = 25
°C)
VDD = 6 V
VDD = 6 V
VDD = 5 V
VDD = 5 V
VDD = 4 V
VDD = 4 V
VDD = 3 V
VDD = 3 V
30
20
10
–10
–5
0
0
0
0
0.5
1.0
Output Voltage Low VOL [V]
0.5
1.0
Output Voltage High VDD – VOH [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com