Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUN6AF1B Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # CUN6AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN6AF1B Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  CUN6AF1B Datasheet HTML 1Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 2Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 3Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 4Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 5Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 6Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 7Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 8Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
서식Rev: 01
www.seoulviosys.com
www.seoulviosys.com
5
Characteristics of CUN6AF1B
1-1 Electro-Optical characteristics at 500mA
1-2 Absolute Maximum Ratings
Notes :
1. Peak Wavelength Measurement tolerance : ±3nm
2. Radiant Flux Measurement tolerance : ± 10%
3.
Φe is the Total Radiant Flux as measured with an integrated sphere.
4. Forward Voltage Measurement tolerance : ±3%
5. RθJ-s is the thermal resistance between chip junction to PCB board bottom.
(Ta=25℃, RH=30%)
Parameter
Symbol
Value
Unit
Peak wavelength [1]
λp
365
nm
Radiant Flux[2]
Φe[3]
690
mW
Forward Voltage [4]
VF
3.8
V
Spectrum Half Width
Δ λ
9
nm
View Angle
2Θ1/2
110
deg.
Thermal resistance
RθJ-b[5]
5.6
ºC /W
Parameter
Symbol
Value
Unit
Forward Current
IF
700
mA
Junction Temperature
Tj
125
ºC
Operating Temperature
Topr
-10 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com