Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUN6AF1B Datasheet(PDF) 11 Page - Roithner LaserTechnik GmbH

Part # CUN6AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN6AF1B Datasheet(HTML) 11 Page - Roithner LaserTechnik GmbH

Back Button CUN6AF1B Datasheet HTML 7Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 8Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 9Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 10Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 13Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 14Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 15Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
서식Rev: 01
www.seoulviosys.com
www.seoulviosys.com
11
Y1Y2Y3Y4
1. Binning Structure
Binning & Labeling
Part
Number
Y1
Y2Y3
Y4
Wp [nm]
Radiant Flux [mW]
Vf [V]
BIN
MIN
MAX
BIN
MIN
MAX
BIN
MIN
MAX
CUN6AF1B
j
360
370
I5
520
570
a
3.0
3.4
J1
570
630
b
3.4
3.8
J2
630
690
c
3.8
4.2
J3
690
760
d
4.2
4.6
J4
760
840
Notes :
1. Peak Wavelength Measurement tolerance : ±3nm
2. Radiant Flux Measurement tolerance : ± 10%
3. Forward Voltage Measurement tolerance : ±3%
(IF=500mA)
Y1Y2Y3Y4
- Y
1 : Peak Wavelength [nm]
- Y
2Y3 : Radiant Flux [mW]
- Y
4 :
Forward Voltage [V]
2. Rank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com