Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUN6AF1B Datasheet(PDF) 16 Page - Roithner LaserTechnik GmbH

Part # CUN6AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN6AF1B Datasheet(HTML) 16 Page - Roithner LaserTechnik GmbH

Back Button CUN6AF1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 13Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 14Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 15Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 16Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 17Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 18Page - Roithner LaserTechnik GmbH CUN6AF1B Datasheet HTML 19Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
서식Rev: 01
www.seoulviosys.com
www.seoulviosys.com
16
Reliability
1. Relative Spectral Power Distribution
2. Failure Criteria
Test Item
Standard
Test Method
Test Condition
Duration
/cycle
Number
of
damage
High Temp.
Operational Life
Internal
Reference
Ta=85℃, IF=500mA
1000hrs
0/5
Room Temp.
Operational Life
Internal
Reference
Ta=25℃, IF=500mA
1000hrs
0/5
High Temp.
Storage
EIAJ ED-4701
Ta = 100℃
1000hrs
0/22
Thermal shock
EIAJ ED-4701
Ta max=120℃, Ta min=-40℃
30min dwell/transfer time : 10sec,
1 cycle=1hr
200 cycles
0/22
Resistance to
Soldering
EIAJ ED-4701
Temp=260±5℃, Time : 10±1 sec
1 time
0/10
ESD
EIAJ ED-4701
R=1.5kΩ, C=100pF
Voltage level=2kV
3 times
Negative
/positive
0/22
Parameter
Symbol
Test Conditions
Max. or Min.
allowable shift value
Forward
Voltage
VF
IF=500mA
Max. Initial measurement x 1.2
Radiant Flux
Φe
IF=500mA
Min. Initial measurement x 0.7
Notes :
1. The value is measured after the test sample is cooled down to the room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com