Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBD352
Description  Dual Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD352 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBD352 Datasheet HTML 1Page - Leshan Radio Company MMBD352 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBD352WT1–1/2
Dual Schottky Barrier Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
7.0
VCC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
PD
200
mW
TA = 25°C
Derate above 25°
1.6
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
625
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate(2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBD352WT1 = M5
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Forward Voltage
VF
—
0.60
V
(IF = 10 mAdc)
Reverse Voltage Leakage Current
IR
µA
(VR = 3.0 V)
—
0.25
(VR = 7.0 V)
—
10
Capacitance
C
—
1.0
pF
(VR = 0 V, f = 1.0 MHz)
1. FR–5 = 1.0
× 0.75 × 0.062 in.
2. Alumina = 0.4
× 0.3 × 0.024 in. 99.5% alumina.
These devices are designed primarily for UHF mixer applications but are
suitable also for use in detector and ultra–fast switching circuits.
• Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
• Low Forward Voltage — 0.5 Volts (Typ) @ IF = 10 mA
MMBD352WT1
1
3
2
CASE 419–02 , STYLE 9
SOT–323 / SC – 70
2
CATHODE
3
CATHODE/ANODE
1
ANODE


Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352 ONSEMI-MMBD352 Datasheet
41Kb / 4P
Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD352 PANJIT-MMBD352 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
More results

Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
DUAL SCHOTTKY BARRIER DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
Dual Schottky barrier diode
17 December 2012
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
Dual Schottky barrier diode
17 December 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com