Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT853 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT853
Description  100V NPN MEDIUM POWER TRANSISTOR IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT853 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT853_15 Datasheet HTML 1Page - Diodes Incorporated FZT853_15 Datasheet HTML 2Page - Diodes Incorporated FZT853_15 Datasheet HTML 3Page - Diodes Incorporated FZT853_15 Datasheet HTML 4Page - Diodes Incorporated FZT853_15 Datasheet HTML 5Page - Diodes Incorporated FZT853_15 Datasheet HTML 6Page - Diodes Incorporated FZT853_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT853
Document Number DS33175 Rev. 5 - 2
1 of 7
www.diodes.com
May 2015
© Diodes Incorporated
FZT853
A Product Line of
Diodes Incorporated
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > 100V
IC = 6A High Continuous Collector Current
ICM = 10A Peak Pulse Current
Low Saturation Voltage VCE(sat) < 150mV @ 2A
RCE(sat) = 50mΩ for a Low Equivalent On-Resistance
hFE Specified up to 10A for a High Gain Hold-Up
Complementary PNP Type: FZT953
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded
Plastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT853TA
AEC-Q101
FZT853
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4.
For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 853 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
FZT
853
SOT223


Similar Part No. - FZT853_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT853 KEXIN-FZT853_15 Datasheet
481Kb / 2P
NPN Transistors
More results

Similar Description - FZT853_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
100V NPN low sat medium power transistor in SOT223
FEBRUARY 2008
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
100V PNP medium transistor in SOT223
FEBRUARY 2008
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com