Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-4-ALL Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ISC-4-ALL
Description  Infrared detection card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ISC-4-ALL Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ISC-4-ALL Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISC-4-ALL
Infrared detection card
Features
•
Reliable visualisation from 700 – 1700nm
•
4 different highly sensitive phosphors, each of size 19mm²
•
lamination cover for long time durability
• 60 x 105mm
Phosphor
Peak emission
wavelenght
IR wavelenght
range
min. IR
intensity
(dark room)
min. IR
intensity
(daylight)
Pump
wavelenght
Q-11
625 nm
0.7 - 1.4 µm
12 µW/cm²
500µW/cm²
visible...UV
Q-16
485 nm
0.7 - 1.4 µm
10 µW/cm²
500µW/cm²
visible...UV
Q-32
650 nm
0.8 - 1.7 µm
8 µW/cm²
500µW/cm²
visible...UV
Q-42
640 nm
0.7 - 1.6 µm
3 µW/cm²
100µW/cm²
visible...UV
Prior using the card, it must be charged using either daylight, or artificial light.


Similar Part No. - ISC-4-ALL

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-4110U ORING-ISC-4110U Datasheet
803Kb / 4P
Industrial 1-port USB to 4/8-port RS-232 serial media converter
ISC-4110U_EU ORING-ISC-4110U_EU Datasheet
803Kb / 4P
Industrial 1-port USB to 4/8-port RS-232 serial media converter
ISC-4110U_US ORING-ISC-4110U_US Datasheet
803Kb / 4P
Industrial 1-port USB to 4/8-port RS-232 serial media converter
More results

Similar Description - ISC-4-ALL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3C OMRON-D3C Datasheet
441Kb / 6P
Detection Switch
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
SM3321A NPC-SM3321A Datasheet
229Kb / 9P
High-sensitivity preamplifier for visible to infrared detection using a single IC
logo
Figaro Engineering Inc.
TGS3830 FIGARO-TGS3830 Datasheet
296Kb / 2P
Detection Chlorofluorocarbons
logo
Kemet Corporation
SS-430L-BK KEMET-SS-430L-BK Datasheet
118Kb / 1P
KEMET, SS, Proximity, SMD, Pyroelectric Infrared, Detection Up To 5 Meters
SS-430L-W KEMET-SS-430L-W Datasheet
118Kb / 1P
KEMET, SS, Proximity, SMD, Pyroelectric Infrared, Detection Up To 5 Meters
USEQFCEA500100 KEMET-USEQFCEA500100 Datasheet
248Kb / 1P
KEMET, QFCE, Flame Detection, TO39, Infrared, Small SMD Package, 12CCommunication Compatible
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com