Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB151 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RB151
Description  1.5A RB SERIES SIP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RB151 Datasheet(HTML) 1 Page - Leshan Radio Company

  RB151 Datasheet HTML 1Page - Leshan Radio Company RB151 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
4CA–1/2
1.5A RB
SIP
1.5A RB SERIES SIP BRIDGE RECTIFIERS
RB150 – RB159
RB150S – RB159S
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA=60°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =1.5ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
RB150
RB151
RB152
RB154
RB156
RB158
RB159
50
100
200
400
600
800
1000
1.5
50
10
500
140
RB SERIES
1.0
RB150S
RB151S
RB152S
RB154S
RB156S
RB158S
RB159S
φ .122(3.10)
φ .114(2.90)
.720(18.3)
.697(17.7)
.031(0.8)
.047(1.2)
6
3
3
RB SERIES
.022(0.55)
.018(0.45)
.049(1.20)
.031(0.80)
.031(0.80)
.030(0.76)
.205(5.20)
.189(4.50)
6
RB
S
RB
.244(6.2)
.226(5.9)
.122(3.1)
.114(2.9)
.268(6.8)
.283(7.2)
.590(15.0)
Pinout:


Similar Part No. - RB151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB151 WTE-RB151 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB151 CHENYI-RB151 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RB151

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005M DIODES-DF15005M Datasheet
66Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
logo
Leshan Radio Company
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
10A(SIP) BRIDGE RECTIFIERS
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
15A(SIP) BRIDGE RECTIFIERS
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
84(SIP) BRIDGE RECTIFIERS
RB201 LRC-RB201 Datasheet
58Kb / 2P
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
W005 LRC-W005 Datasheet
49Kb / 2P
1.5A WOM BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF15005M DIODES-DF15005M_1 Datasheet
85Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. 9 - 2
logo
TAITRON Components Inco...
W005M TAITRON-W005M Datasheet
187Kb / 4P
1.5A Bridge Rectifiers
logo
Frontier Electronics.
DF15005S FRONTIER-DF15005S Datasheet
120Kb / 2P
1.5A BRIDGE RECTIFIERS
DF15005S-LFR FRONTIER-DF15005S-LFR Datasheet
120Kb / 2P
1.5A BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com