Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6501 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS6501
Description  PIR MOTION DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6501 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS6501 Datasheet HTML 1Page - LSI Computer Systems LS6501 Datasheet HTML 2Page - LSI Computer Systems LS6501 Datasheet HTML 3Page - LSI Computer Systems LS6501 Datasheet HTML 4Page - LSI Computer Systems LS6501 Datasheet HTML 5Page - LSI Computer Systems LS6501 Datasheet HTML 6Page - LSI Computer Systems LS6501 Datasheet HTML 7Page - LSI Computer Systems LS6501 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+10
V
Any input voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
-40 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
( All voltages referenced to VSS, TA = -40˚C to +55˚C, 7V
≤ VDD ≤9V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD = 8V
IDD
-
250
350
µA
TRIAC/RELAY,
VDD = 7V - 9V
IDD
-
300
420
µA
LED and REGULATOR
outputs not loaded
REGULATOR:
Voltage
VR
4.5
-
6
V
-
Current
IR
-
-
200
µA
-
DIFFERENTIAL AMPLIFIERS:
Open Loop Gain, Each Stage
G
70
-
-
dB
-
Common Mode Rejection Ratio
CMRR
60
-
-
dB
-
Power Supply Rejection Ratio
PSRR
60
-
-
dB
-
Output Drive Current
ID
-
-
25
µA
-
Input Sensitivity
VS
70
-
-
µV
TA = 25˚C, with Amplifier
(Minimum Detectable Voltage
Bandpass configuration
to first amplifier when both
as shown in Figure 3
amplifiers are cascaded for
a net gain of 7,500)
Input Dynamic Range
-
0
-
2.5
V
-
Diff. Amp 2 Internal
VIR
-
.4VR
-
V
-
Reference
COMPARATOR:
Lower Reference
VTHL
-
VIR - .5V
-
V
-
Higher Reference
VTHH
-
VIR + .5V
-
V
-
DIGITAL FILTER:
Input Pulse Width
TPW
66.3
-
-
ms
60Hz operation
(for recognition)
TPW
79.6
-
-
ms
50Hz operation
INHIBIT INPUT:
Inhibit Threshold
VTHI
-
≥ .5VDD
-
V
-
Enable Threshold
VTHE
-
≤ .45VDD
-
V
-
OSCILLATOR:
Resistor
RO
-
2.2
-
M
Ω
60Hz Oscillator
Capacitor
CO
-
.01
-
µF
Frequency
Resistor
RO
-
4.3
-
M
Ω
30Hz Oscillator
Capacitor
CO
-
.01
-
µF
Frequency
6501LP-070601-3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com