Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6501 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS6501
Description  PIR MOTION DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6501 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS6501 Datasheet HTML 1Page - LSI Computer Systems LS6501 Datasheet HTML 2Page - LSI Computer Systems LS6501 Datasheet HTML 3Page - LSI Computer Systems LS6501 Datasheet HTML 4Page - LSI Computer Systems LS6501 Datasheet HTML 5Page - LSI Computer Systems LS6501 Datasheet HTML 6Page - LSI Computer Systems LS6501 Datasheet HTML 7Page - LSI Computer Systems LS6501 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FIGURE 4. TYPICAL DC RELAY APPLICATION
R1 = 36k
Ω
R8 = 3.6k
Ω
R2 = 36k
Ω
R9 = 10k
Ω
R3 = 2.7M
Ω
R10 = 18k
Ω
R4 = 36k
Ω
R11 = 3.6k
Ω
R5 = 2.7M
Ω
R12 = 1.0M
Ω
R6 = 36k
Ω
R13 = 1.0M
Ω
R7 = 10k
Ω
R14 = 910k
Ω
R15 = 2.4M
Ω
All Resistors 1/4W, all Capacitors 10V
C1 = 100µF
C8 = .01µF
C2 = 33µF
LDR = SILONEX NSL-19M52 (Typical)
C3 = .01µF
Q1 = 2N3904
C4 = 33µF
Q2 = 2N3906
C5 = .01µF
REGULATOR = MC78L08 (Typical)
C6 = .1µF
RELAY = No typical P/N
C7 = 100µF
PIR = HEIMANN LHi 958 or 878 (Typical)
AMP 1
OUT
AMP 1
(-)IN
AMP 2
(-)IN
AMP 1
(+)IN
AMP 2
OUT
5V REG
OUT
OSC
TIMER
CONTROL
AC
DEAD TIME
SEL
V SS
INH
RELAY
OUT
PULSE
MODE
SEL
LED
OUT
V DD
V DD
V DD
V DD
V DD
V DD
C4
R4
C5
R5
1
2
3
4
5
6
7
8
V DD
9
10
11
12
13
14
15
16
C2
R2
R6
C6
R1
C1
PIR
SENSOR
R12
R14
LDR
R13
R11
LED
R3
C3
LS6501LP
REGULATOR
V DD
RELAY
POWER SUPPLY
R9
R10
R8
R7
Q1
D1
RELAY
COIL
Q2
RAW DC
INPUT
V DD
C8
C7
R15
SEE NOTE 2
+
-
+
-
+
-
+
-
S1
SPDT (On - On)
S1 = SPDT (On - Off - On)
S1
6501-070501-6
NOTES: 1. The “Raw DC Voltage” into the Regulator can range between 11V and 25V and generates an 8V DC
Supply Voltage for the LS6501LP.
2. The R10, R9, Q2, R8, R7, Q1 components interface LS6501LP Pin 7 to a Relay Coil returned to a separate
High-Voltage DC Supply.
3. A Relay Coil returned to a maximum of 12.5V can be directly driven by the LS6501LP Pin 7.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com