Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6501 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS6501
Description  PIR MOTION DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6501 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS6501 Datasheet HTML 1Page - LSI Computer Systems LS6501 Datasheet HTML 2Page - LSI Computer Systems LS6501 Datasheet HTML 3Page - LSI Computer Systems LS6501 Datasheet HTML 4Page - LSI Computer Systems LS6501 Datasheet HTML 5Page - LSI Computer Systems LS6501 Datasheet HTML 6Page - LSI Computer Systems LS6501 Datasheet HTML 7Page - LSI Computer Systems LS6501 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FIGURE 3. TYPICAL TRIAC WALL SWITCH APPLICATION
AMP 1
OUT
AMP 1
(-)IN
AMP 2
(-)IN
AMP 1
(+)IN
AMP 2
OUT
5V REG
OUT
OSC
TIMER
CONTROL
AC
DEAD TIME
SEL
V SS
INH
TRIAC
OUT
PULSE
MODE
SEL
LED
OUT
V DD
V DD
V DD
V DD
V DD
V DD
AC MAINS
LOAD
SW
TI
MT2
MT1
R7
R11
C7
Z1
D1
R9
C9
R10
C8
R8
V DD
C4
R4
C5
R5
1
2
3
4
5
6
7
8
V DD
9
10
11
12
13
14
15
16
C2
R2
R6
R1
C1
PIR
SENSOR
R12
R14
LDR
R13
R15
LED
R3
C3
LS6501LP
C6
G
+
-
+
-
+
-
+
-
N
P
S1
S1 = SPDT (On-Off-On)
SPDT (On -On)
S1
R1 = 36k
Ω
R8 = 1k
Ω
R2 = 36k
Ω
R9 = 910k
Ω
R3 = 2.7M
Ω
R10 = 7.5k
Ω
R4 = 36k
Ω
R10 = 3.6k
Ω
R5 = 2.7M
Ω
R11 = 100
Ω
R6 = 36k
Ω
R12 = 1.0M
Ω
R7 = 270
Ω,1/2W
R13 = 1.0M
Ω
R7 = 1k
Ω,1W
R14 = 910k
Ω
R15 = 3.6k
Ω
All Resistors 1/4W, all Capacitors 10V
unless otherwise specified.
C1 = 100µF
C8 = 1000µF
C2 = 33µF
C9 = .1µF, 250V
C3 = .01µF
C9 = .1µF, 400V
C4 = 33µF
D1 = 1N4004
C5 = .01µF
LDR = SILONEX HSL-19M52 (Typical)
C6 = .1µF
Z1 = 9.1V, 1/2W
C7 = .47µF, 250V
T1 = Q4008L4 (Typical)
C7 = .33µF, 400V
T1 = Q5004L4 (Typical)
PIR = HEIMANN LHi 958 or 878 (Typical)
* = Component change for 220VAC
6501LP-071201-5
*
*
*
*
NOTES: 1. The R9, R10, C9 network provides a 2.7V Peak-to-Peak AC signal input to Pin 5.
2. The C8, D1, Z1, C7, R7 components generate the DC Supply Voltage for the LS6501LP.
3. The R2, C2, R3, C3, R4, C4, R5, C5, R6, C6 components and the two on-chip Differential Amplifiers set a
nominal gain of 5,500 with bandpass filtering of .13Hz to 6Hz.
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com