Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7166 Datasheet HTML 1Page - LSI Computer Systems LS7166 Datasheet HTML 2Page - LSI Computer Systems LS7166 Datasheet HTML 3Page - LSI Computer Systems LS7166 Datasheet HTML 4Page - LSI Computer Systems LS7166 Datasheet HTML 5Page - LSI Computer Systems LS7166 Datasheet HTML 6Page - LSI Computer Systems LS7166 Datasheet HTML 7Page - LSI Computer Systems LS7166 Datasheet HTML 8Page - LSI Computer Systems LS7166 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
24-BIT QUADRATURE COUNTER
FEATURES:
• Programmable modes are: Up/Down,
Binary, BCD, 24 Hour Clock, Divide-by-N,
x1 or x2 or x4 Quadrature and Single Cycle.
• DC to 20 MHz Count Frequency.
• 8-Bit I/O Bus for Microprocessor
Communication and Control.
• 24-Bit comparator for pre-set count
comparison.
• Readable status register.
• Input/Output TTL and CMOS compatible.
• 5 Volt operation (Vdd - Vss).
• LS7166 (DIP); LS7166-S (SOIC);
LS7166-TS24 (24-Pin TSSOP)
* - See Fig. 1
GENERAL DESCRIPTION:
The LS7166 is a CMOS, 24-bit counter that
can be programmed to operate in several dif-
ferent modes. The operating mode is set up
by writing control words into internal control
registers (see Figure 8). There are three 6-bit
and one 2-bit control registers for setting up
the circuit functional characteristics.
In addi-
tion to the control registers, there is a 5-bit out-
put status register (OSR) that indicates the cur-
rent counter status. The IC communicates with
external circuits through an 8-bit three state I/O
bus. Control and data words are written into
the LS7166 through the bus. In addition to the
I/O bus, there are a number of discrete inputs
and outputs to facilitate instantaneous hard-
ware
based
control
functions
and
in-
stantaneous status indication.
REGISTER DESCRIPTION:
Internal hardware registers are accessible
through the I/O bus (D0 - D7) for READ or
WRITE when CS = 0. The C/D input selects
between the control registers (C/D = 1) and the
data registers (C/D = 0) during a READ or
WRITE operation. (See Table 1)
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
(Write Input) WR
(Chip Select Input) CS
(Load Counter/Load Latch) LCTR/LLTC
(A, B Gate/Reset Counter)ABGT/RCTR
VDD (+5V)
(Count Input) A
(Count Input) B
D0
D1
D2
VSS (GND)
RD (Read Input)
C/D (Control/ Data Input)
BW (Borrow Output)
CY (Carry Output)
D7
D6
D5
D4
D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
December 2002
FIGURE 1
7166-120902-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7166
UL
®
A3800
20-Pin Package PIN ASSIGNMENT - Top View
*(Contact factory for 24-Pin TSSOP Package Pinout)


Similar Part No. - LS7166

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
More results

Similar Description - LS7166

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
24-BIT FOUR-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7267 LSI-LS7267 Datasheet
1Mb / 15P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com