Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566 Datasheet (PDF) - LSI Computer Systems

LS7566 Datasheet PDF - LSI Computer Systems
Part # LS7566
Download  LS7566 Download
File Size   87.35 Kbytes
Page   13 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 24-BIT FOUR-AXES QUADRATURE COUNTER

LS7566 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7566 Datasheet PDF - LSI Computer Systems

Part # LS7566
Download  LS7566 Click to download

File Size   87.35 Kbytes
Page   13 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 24-BIT FOUR-AXES QUADRATURE COUNTER

LS7566 Datasheet (HTML) - LSI Computer Systems


LS7566 Product details

GENERAL DESCRIPTION:

The  LS7566  consists  of  four  identical  modules  of  24-bit  programmable counters with direct interface to incremental encoders. The modules can be configured to operate as quadrature clock  counters  or  non-quadrature  up/down  counters.  In  both quadrature and non-quadrature modes, the modules can be further  configured  into  free-running,  non-recycle,  modulo-n  and range-limit  count  modes. 



FEATURES:

• Read/write registers for count and I/O modes.

  Count modes include: Non-quadrature (Up/Down), Quadrature

  (x1, x2, x4), Free-run, Non-recycle, Modulo-n and Range limit

• Separate mode-control registers for each axis

• Interrupt output and interrupt mask register.

• 40 MHz count frequency, 5V

  20 MHz count frequency, 3V

• Sets of 24-bit counters, preset registers, comparators and output latches and 8-bit status registers for each axis

• Digital filtering of the input quadrature clocks for noise immunity.

• 3-state Octal I/O bus

• 3V to 5.5V operating voltage range

• LS7566-TS (TSSOP) -See Figure 1-



 




Similar Part No. - LS7566

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
More results


Similar Description - LS7566

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
Synchronous Four-Bit Counter
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7267 LSI-LS7267 Datasheet
1Mb / 15P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com