Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7566
Description  24-BIT FOUR-AXES QUADRATURE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7566 Datasheet HTML 1Page - LSI Computer Systems LS7566 Datasheet HTML 2Page - LSI Computer Systems LS7566 Datasheet HTML 3Page - LSI Computer Systems LS7566 Datasheet HTML 4Page - LSI Computer Systems LS7566 Datasheet HTML 5Page - LSI Computer Systems LS7566 Datasheet HTML 6Page - LSI Computer Systems LS7566 Datasheet HTML 7Page - LSI Computer Systems LS7566 Datasheet HTML 8Page - LSI Computer Systems LS7566 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CMR (x0CMR, x1CMR, x2CMR, x3CMR):
The CMR is a write only register, which when written into,
generates transient signals to perform load and reset operations
as described below:
CMR:
B7 B6 B5 B4 B3 B2 B1 B0
B0 = 0: Nop
= 1: Reset CNTR and sign to 0.
(Should not be combinedwith load_CNTR
operation).
B1 = 0: Nop
= 1: Load CNTR from PR. Affects all 24 bits. (Should
not be combined with reset_CNTR operation)
B2 = 0: Nop
= 1: Load OL from CNTR. Affects all 24 bits.
B3 = 0: Nop
= 1: Reset STR. Affects status bits corresponding to
carry, borrow, compare and index. Status
bits corresponding to count_enable, count
direction and sign are not affected.
B4 = 0: Nop.
1: Master reset. Resets MDR0, MDR1, STR, CNTR,
PR, OL, ISR and IMR
B5 = 0: Nop
1: Set sign bit
B6 = 0: Nop
1: Reset sign bit
B7 = 0: Nop.
1: Reset ISR bit for the selected axis
ISR:
The ISR is a trans-axis global register used to hold the
interrupt assertion status of all the axes. It is a 4-bit
read-only register with the following bit assignment.
ISR: B3
B2
B1
B0
B0
= 0: axis_0 interrupt cleared
= 1: axis_0 interrupt asserted
B1
= 0: axis_1 interrupt cleared
= 1: axis_1 interrupt asserted
B2
= 0: axis_2 interrupt cleared
= 1: axis_2 interrupt asserted
B3
= 0: axis_3 interrupt cleared
= 1: axis_3 interrupt asserted
An ISR bit gets set when the FLGa output of the
associated axis switches low. For this reason, in order
for the interrupt to be enabled for any axis, its associat-
ed FLGa output must be enabled. In addition, the
associated IMR bit must also be set for the interrupt to
be enabled.
An individual ISR bit can be cleared through its axis
relevant CMR register. The ISR is cleared upon
power-up.
A read of ISR produces a joint read of ISR and IMR
(interrupt mask register) with ISR occupying the upper
nibble and IMR occupying the lower nibble of the
databus.
7566-112904-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com