Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7566
Description  24-BIT FOUR-AXES QUADRATURE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7566 Datasheet HTML 1Page - LSI Computer Systems LS7566 Datasheet HTML 2Page - LSI Computer Systems LS7566 Datasheet HTML 3Page - LSI Computer Systems LS7566 Datasheet HTML 4Page - LSI Computer Systems LS7566 Datasheet HTML 5Page - LSI Computer Systems LS7566 Datasheet HTML 6Page - LSI Computer Systems LS7566 Datasheet HTML 7Page - LSI Computer Systems LS7566 Datasheet HTML 8Page - LSI Computer Systems LS7566 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
I/O PINS: The following is a description of the input/out pins.
RSO(Pin 3), RS1 (Pin 2), RS2 (Pin1).
Inputs. These three inputs select the hardware registers for read/write access according to Table 1.
TABLE 1
CS/
RS2
RS1
RS0
RD/
WR/
SELECTED REGISTER
OPERATION
1
x
x
x
x
x
none
none
x
x
x
x
0
0
none
none
x
x
x
x
1
1
none
none
0
0
0
0
0
1
[ISR:IMR]
READ (see Note 2)
0
0
0
1
0
1
MDR0
READ
0
0
1
0
0
1
MDR1
READ
0
0
1
1
0
1
STR
READ
0
1
0
0
0
1
OL0
READ
0
1
0
1
0
1
OL1
READ
0
1
1
0
0
1
OL2
READ
0
1
1
1
0
1
none
none
0
0
0
0
1
0
IMR
WRITE
0
0
0
1
1
0
MDR0
WRITE
0
0
1
0
1
0
MDR1
WRITE
0
0
1
1
1
0
none
none
0
1
0
0
1
0
PR0
WRITE
0
1
0
1
1
0
PR1
WRITE
0
1
1
0
1
0
PR2
WRITE
0
1
1
1
1
0
CMR
WRITE
Note 1. x indicates don’t care case.
Note 2. DB0 through DB3 contain IMR B0 through B3; DB4 through DB7 contain ISR B0 through B3.
CHS0 (Pin 5), CHS1 (Pin 4)
Inputs. These two inputs select one of four axes for read/write access according to the following table.
The registers within the axis are selected according to Table 1.
TABLE 2
CHS1
CHS0
AXIS
0
0
x0
0
1
x1
1
0
x2
1
1
x3
RD/ (Pin 8) Input. A low on RD/ input accesses an ad-
dressed register for read and places the data on the
octal databus, DB<7:0>. The register selection is
made according to Table 1.
CS/ (Pin 9) Input. A low on the CS/ input enables the
chip for read or write operation. When the CS/ input is
high, read and write operations are disabled and the
databus, DB<7:0>, is placed in a high impedance
state.
WR/ (Pin 10) Input. A low pulse on the WR/ input
writes the data on the databus, DB<7:0>, into the ad-
dressed register according to Table 1. The write op-
eration is completed at the trailing edge of the WR/
pulse.
DB<7:0> (Pin 18 thru Pin 11) Input/Output.
The octal databus, DB<7:0>, is the input/output portal
for write and read data transfers between LS7566 and
the outside world. During a read operation, when both
CS/ and the RD/ inputs are low, DB<7:0> are outputs.
During a write operation, when both CS/ and WR/ are
low, DB<7:0> are inputs. When CS/ is high, DB<7:0>
are in high impedance state independent of the states
of RD/ and WR/.
PCK (Pin 21) Input. A clock applied at PCK input is
used for validating the logic states of the A and B
quadrature clocks and the INDX input.
The PCK input frequency, fPCK, is divided down by a
factor of 1 or 2 according to bit7 of MDR0. The re-
sultant clock is used to sample the logic levels of the
7566-112904-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com