Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7566 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7566
Description  24-BIT FOUR-AXES QUADRATURE COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7566 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7566 Datasheet HTML 1Page - LSI Computer Systems LS7566 Datasheet HTML 2Page - LSI Computer Systems LS7566 Datasheet HTML 3Page - LSI Computer Systems LS7566 Datasheet HTML 4Page - LSI Computer Systems LS7566 Datasheet HTML 5Page - LSI Computer Systems LS7566 Datasheet HTML 6Page - LSI Computer Systems LS7566 Datasheet HTML 7Page - LSI Computer Systems LS7566 Datasheet HTML 8Page - LSI Computer Systems LS7566 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
24-BIT FOUR-AXES QUADRATURE COUNTER
FEATURES:
• Read/write registers for count and I/O modes.
Count modes include: Non-quadrature (Up/Down), Quadrature
(x1, x2, x4), Free-run, Non-recycle, Modulo-n and Range limit
• Separate mode-control registers for each axis
• Interrupt output and interrupt mask register.
• 40 MHz count frequency, 5V
20 MHz count frequency, 3V
• Sets of 24-bit counters, preset registers, comparators and
output latches and 8-bit status registers for each axis
• Digital filtering of the input quadrature clocks for
noise immunity.
• 3-state Octal I/O bus
• 3V to 5.5V operating voltage range
• LS7566-TS (TSSOP) -See Figure 1-
GENERAL DESCRIPTION:
The LS7566 consists of four identical modules of 24-bit pro-
grammable counters with direct interface to incremental encod-
ers. The modules can be configured to operate as quadrature-
clock counters or non-quadrature up/down counters. In both
quadrature and non-quadrature modes, the modules can be fur-
ther configured into free-running, non-recycle, modulo-n and
range-limit count modes. The mode configuration is made
through two 8-bit read/write addressable control registers, MDR0
and MDR1. Data can be ported to a 24-bit preset register PR, or-
ganized in directly addressable (write-only) byte0 [PR0] byte1
[PR1] and byte2 [PR2] segments. PR can be transferred to the
24-bit counter CNTR either by instruction to MDR1 or by hard-
ware input control. A 24-bit digital comparator perpetually checks
for the equality of the CNTR and the PR and can be used to set
an output flag when the equality occurs. For reading the CNTR,
its instantaneous value can be transferred to a 24-bit output latch
OL, either by instruction to MDR1 or by hardware input control.
The OL in turn can be read in directly addressable (read-only)
byte0 [OL0], byte1 [OL1] and byte2 [OL2] segments. An address-
able (read-only) Octal status register STR, stores the count re-
lated status information such as CNTR overflow, underflow,
count direction etc. Data communication for read/write is per-
formed through an Octal 3-state parallel I/O bus
.
REGISTER DESCRIPTION:
Following is a list of the hardware registers. There are four
sets of registers, with name prefixes x0 through x3 to refer
to axes x0 through x3.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
PIN ASSIGNMENT - Top View
July 2005
FIGURE 1
7566-072205-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7566
1
48
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RS2
RS1
RS0
CHS1
CHS0
NC
NC
RD/
CS/
WR/
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
NC
NC
PCK
GND
x0INDX
x0A
x0FLGa
x0FLGb
x1FLGa
INT/
NC
GND
x1FLGb
x2FLGa
VDD
NC
x3FLGb
NC
x3B
x3A
x3INDX
x2B
x2A
x2INDX
x1B
x1A
x1INDX
x0B
x2FLGb
x3FLGa
UL
®
A3800


Similar Part No. - LS7566

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
More results

Similar Description - LS7566

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
Synchronous Four-Bit Counter
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7267 LSI-LS7267 Datasheet
1Mb / 15P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com