Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7539 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7539
Description  TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7539 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7539 Datasheet HTML 1Page - LSI Computer Systems LS7539 Datasheet HTML 2Page - LSI Computer Systems LS7539 Datasheet HTML 3Page - LSI Computer Systems LS7539 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOUCH CONTROL STEP DIMMER LIGHT SWITCH
WITH AUTOMATIC GAIN CONTROL (AGC)
FEATURES:
• Touch Sensitivity guaranteed to 600pF Touch Plate Capacitance.
• Touch Operation independent of line plug polarity.
• Pin selection of three available Brightness Step Sequences.
• Minimal external components.
• AGC Loop stabilizes immediately after Power-Up.
• Brightness state is Off after AC power applied.
• Brightness state is unchanged if AC power interrupted for < 0.5 sec.
• Advanced CMOS design for reliable operating characteristics and low power.
• 50/60 Hz Line Frequency.
• +6V to +9.5V Operation (VDD-VSS).
• LS7538, LS7539 (DIP); LS7538-S, LS7539-S (SOIC) - See Figure 1
APPLICATIONS:
• Screw-in and built-in adapter modules for converting table and floor lamps
to touch control for step dimming.
• On-Off touch control of under-cabinet fluorescent lamps (LS7539 only).
DESCRIPTION:
The LS7538 and LS7539 are CMOS integrated circuits which provide trigger pulses for triac phase control of incandescent lamps.
The circuits are designed to operate with a wide variety of lamp sizes ranging from small table lamps to large floor lamps.
The AGC Loop automatically adjusts Touch Sensitivity to be independent of lamp size.
There are 3 different Brightness Step Sequences for each version of the IC which can be selected by the Three-State
MODE pin as shown in Table 1.
TABLE 1. BRIGHTNESS STEP MODES
MODE PIN
BRIGHTNESS STEP SEQUENCE
FLOAT
OFF-NIGHT LIGHT-MEDIUM-MAXIMUM-OFF
VDD
OFF-NIGHT LIGHT- LOW MEDIUM-HIGH MEDIUM-MAXIMUM-OFF
Vss (LS7538)
OFF-MAXIMUM-MEDIUM-NIGHT LIGHT-OFF
(LS7539)
OFF-MAXIMUM-OFF
The lamp brightness is made to vary by changing the delay of the TRIG pulse to the triac from the zero-crossing of the
SYNC input. The delays are shown in Table 2 for 50Hz and 60Hz operation along with Delivered Power as a percentage
of Full Power. Figure 2 illustrates the delay.
PIN ASSIGNMENT
TOP VIEW
1
2
3
4
8
7
6
5
FIGURE 1
TRIG
VDD(+V
)
MODE
CONTROL
V SS(-V)
SYNC
CLOCK
TOUCH
December 2002
7538/39-120202-1
TABLE 2. BRIGHTNESS POWER LEVELS
Brightness
60Hz Delay (1)
50Hz Delay (2)
% PWR (3)
Night Light
6.0 ms
7.2 ms
12
Low Medium
4.8 ms
5.7 ms
35
Medium
4.0 ms
4.8 ms
53
High Medium
3.2 ms
3.8 ms
72
Maximum
0.85 ms
1.0 ms
99
(1) With 300k
Ω connected between Pin 1 and VDD.
(2) With 360k
Ω connected between Pin 1 and VDD.
(3) Percentage of Full Power delivered to a resistive load by the Triac Switch.
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7538-LS7539
UL
®
A3800


Similar Part No. - LS7539

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
69Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7535 LSI-LS7535 Datasheet
69Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
More results

Similar Description - LS7539

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Sanyo Semicon Device
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
AGC Amplifier with Step Gain Control
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com