Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9930 Datasheet(PDF) 48 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 48 Page - NEC

Back Button UPD9930 Datasheet HTML 44Page - NEC UPD9930 Datasheet HTML 45Page - NEC UPD9930 Datasheet HTML 46Page - NEC UPD9930 Datasheet HTML 47Page - NEC UPD9930 Datasheet HTML 48Page - NEC UPD9930 Datasheet HTML 49Page - NEC UPD9930 Datasheet HTML 50Page - NEC UPD9930 Datasheet HTML 51Page - NEC UPD9930 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
µPD9930
48
Register address
TNGCR
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
TNGAIN4 TNGAIN3 TNGAIN2 TNGAIN1 TNGAIN0
TNGAIN4 to TNGAIN0
00000 to 11111
Tone gain selection (Refer to Table 4-7 Function
Specification by Tone Gain Control Register).
0 to –30 dB (1 dB steps), –38.5 dB
Table 4-6 Function Specification by Tone Control Register
Register address
TONCR
HEXNote
D7 D6
D5
D4
D3
D2
D1
D0
ML
1
0
1
XXXX
0
Tone stop
A0H 05H
00001
Continuous single tone generation
A1H 85H
00011
31.25 ms intermittent single tone generation
A3H C5H
00101
200 ms intermittent single tone generation
A5H A5H
00111
250 ms intermittent single tone generation
A7H E5H
01001
500 ms intermittent single tone generation
A9H 95H
01011
1 s intermittent single tone generation
ABH D5H
01101
GSM triple tone generation
ADH B5H
01111
200 ms one-shot single tone generation
AFH F5H
10001
Continuous dual tone generation
B1H 8DH
10011
31.25 ms intermittent dual tone generation
B3H CDH
10101
200 ms intermittent dual tone generation
B5H ADH
10111
250 ms intermittent dual tone generation
B7H EDH
11001
500 ms intermittent dual tone generation
B9H 9DH
11011
1 s intermittent dual tone generation
BDH BDH
11111
200 ms one-shot dual tone generation
BFH FDH
Note M: HEX value with MSB first
L: HEX value with LSB first
Remark X: Don't care
4.3.4 Tone Gain Control Register (TNGCR)
This is a 5-bit register for controlling the tone output gain.
Figure 4-12 Tone Gain Control Register
Tone control conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com