Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9930 Datasheet(PDF) 21 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 21 Page - NEC

Back Button UPD9930 Datasheet HTML 17Page - NEC UPD9930 Datasheet HTML 18Page - NEC UPD9930 Datasheet HTML 19Page - NEC UPD9930 Datasheet HTML 20Page - NEC UPD9930 Datasheet HTML 21Page - NEC UPD9930 Datasheet HTML 22Page - NEC UPD9930 Datasheet HTML 23Page - NEC UPD9930 Datasheet HTML 24Page - NEC UPD9930 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
µPD9930
21
REQB
FSYNC
(8 kHz)
SEN
SCLK
(256 kHz)
SO
SI
125 s
D15
D14
D2
D1
D0
D15
D14
D15
D14
D2
D1
D0
D15
D14
D13
D13
µ
D13
D12
don't care
don't care
REQB
FSYNC
(8 kHz)
SEN
SCLK
(256 kHz)
SO
SI
125 s
D15
D14
D2
D1
D0
D15
D14
D15
D14
D2
D1
D0
D15
D14
µ
don't care
D13
D13
don't care
Figure 2-13 DSP Interface Timing Chart
(a) Mode 1 (DSPSEL = VDD)
(b) Mode 2 (DSPSEL = GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com