Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9930 Datasheet(PDF) 13 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 13 Page - NEC

Back Button UPD9930 Datasheet HTML 9Page - NEC UPD9930 Datasheet HTML 10Page - NEC UPD9930 Datasheet HTML 11Page - NEC UPD9930 Datasheet HTML 12Page - NEC UPD9930 Datasheet HTML 13Page - NEC UPD9930 Datasheet HTML 14Page - NEC UPD9930 Datasheet HTML 15Page - NEC UPD9930 Datasheet HTML 16Page - NEC UPD9930 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
µPD9930
13
Figure 2-5 Power Down Control
Caution MICPDB and XAUXPDB cannot enter the power up state at the same time (MICPDB = XAUXPDB =
"1").
Power up command
01
1
1
1
0
—
—
Power down command
01
1
1
0
0
—
—
Register address
00
0
1
1
0
REC2PDB
TXAG
TXGCR
Register address
0
0
0
MICPDB XAUXPDB REC1PDB RAUXPDB RINGPDB
AMPCR
Pre-filter
+ mixer
to Vref
–
to Vref
Accessory input
Microphone input
–
+
–
+
to Vref
MICPDB
"1" = Power ON
XAUXPDB
–
+
RAUXPDB
–
+
REC1PDB
Accessory output
Receiver 1
Receiver 2
+
–
+
Ringer output
RINGPDB
Stand-by
REC2PDB
Stand-by
When both accessory output
and receiver 1 amplifiers are
in the power down state, these
also enter power down state.
Stand-by
D/A
Stand-by
When all input amplifiers are
in the power down state,
these also enter power
down state.
Digital signal
processor
Stand-by
A/D
Stand-by
PLL
to XACOMI
78H
1EH
70H
0EH
HEXNote
ML
HEXNote
ML
Note M: HEX value with MSB first L: HEX value with LSB first
"1" = Power ON
"1" = Power ON
"1" = Power ON
"1" = Ringer output
"1" = Power ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com