Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1853 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1853
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1853_15 Datasheet HTML 6Page - Linear Technology LTC1853_15 Datasheet HTML 7Page - Linear Technology LTC1853_15 Datasheet HTML 8Page - Linear Technology LTC1853_15 Datasheet HTML 9Page - Linear Technology LTC1853_15 Datasheet HTML 10Page - Linear Technology LTC1853_15 Datasheet HTML 11Page - Linear Technology LTC1853_15 Datasheet HTML 12Page - Linear Technology LTC1853_15 Datasheet HTML 13Page - Linear Technology LTC1853_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC1852/LTC1853
10
18523fa
The LTC1852/LTC1853 are complete and very flexible
data acquisition systems. They consist of a 10-bit/12-bit,
400ksps capacitive successive approximation A/D con-
verter with a wideband sample-and-hold, a configurable
8-channel analog input multiplexer, an internal reference
and reference buffer amplifier, a 16-bit parallel digital
output and digital control logic, including a programmable
sequencer.
CONVERSION DETAILS
The core analog-to-digital converter in the LTC1852/
LTC1853 uses a successive approximation algorithm and
an internal sample-and-hold circuit to convert an analog
signal to a 10-bit/12-bit parallel output. Conversion start
is controlled by the CS and CONVST inputs. At the start
of the conversion, the successive approximation register
(SAR) is reset. Once a conversion cycle is begun, it cannot
be restarted. During the conversion, the internal differen-
tial capacitive DAC output is sequenced by the SAR from
the most significant bit (MSB) to the least significant bit
(LSB). The outputs of the analog input multiplexer are
connected to the sample-and-hold capacitors (CSAMPLE)
during the acquire phase and the comparator offset is
nulled by the zeroing switches. In this acquire phase, a
minimum delay of 150ns will provide enough time for
the sample-and-hold capacitors to acquire the analog
signal. During the convert phase, the comparator zeroing
switches are open, putting the comparator into compare
mode. The input switches connect CSAMPLE to ground,
transferring the differential analog input charge onto the
summing junction. This input charge is successively
compared with the binary weighted charges supplied by
the differential capacitive DAC. Bit decisions are made by
the high speed comparator. At the end of the conversion,
the differential DAC output balances the input charges.
The SAR contents (a 10-bit/12-bit data word), which
represents the difference of the analog input multiplexer
outputs, and the 4-bit address word are loaded into the
14-bit/16-bit output latches.
DYNAMIC PERFORMANCE
Signal-to-(Noise + Distortion) Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band lim-
ited to frequencies above DC to below half the sampling
frequency. The effective number of bits (ENOBs) is a
measurement of the resolution of an ADC and is directly
related to the S/(N + D) by the equation:
ENOB = [S/(N + D) – 1.76]/6.02
where ENOB is the effective number of bits and S/(N + D) is
expressed in dB. At the maximum sampling rate of 400kHz,
the LTC1852/LTC1853 maintain near ideal ENOBs up to
and beyond the Nyquist input frequency of 200kHz.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum
of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD
is expressed as:
THD = 20Log
V2
2 + V32 + V42 +...Vn2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through Vn are the amplitudes of the
second through nth harmonics. The LTC1852/LTC1853
have good distortion performance up to the Nyquist
frequency and beyond.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com