Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1853 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1853
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1853_15 Datasheet HTML 12Page - Linear Technology LTC1853_15 Datasheet HTML 13Page - Linear Technology LTC1853_15 Datasheet HTML 14Page - Linear Technology LTC1853_15 Datasheet HTML 15Page - Linear Technology LTC1853_15 Datasheet HTML 16Page - Linear Technology LTC1853_15 Datasheet HTML 17Page - Linear Technology LTC1853_15 Datasheet HTML 18Page - Linear Technology LTC1853_15 Datasheet HTML 19Page - Linear Technology LTC1853_15 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC1852/LTC1853
16
18523fa
Power Shutdown
The LTC1852/LTC1853 provide two power shutdown
modes, Nap and Sleep, to save power during inactive
periods. The Nap mode reduces the power to 2.5mW and
leaves only the digital logic and reference powered up.
The wake-up time from Nap to active is 200ns. In Sleep
mode, all bias currents are shut down and only leakage
current remains—about 20μA. Wake-up time from sleep
mode is much slower since the reference circuit must
power-up and settle to 0.005% for full 12-bit accuracy
(0.02% for full 10-bit accuracy). Sleep mode wake-up time
is dependent on the value of the capacitor connected to
the REFCOMP (Pin 12). The wake-up time is 10ms with
the recommended 10μF capacitor.
Shutdown is controlled by Pin 47 (SHDN); the ADC is in
shutdown when it is low. The shutdown mode is selected
with Pin 46 (CS); low selects Nap (Figures 2 and 3).
Timing and Control
Conversion start and data read operations are controlled by
three digital inputs: CONVST, CS and RD (Figure 4). A logic
“0” applied to the CONVST pin will start a conversion after
the ADC has been selected (i.e., CS is low). Once initiated,
it cannot be restarted until the conversion is complete.
Converter status is indicated by the BUSY output. BUSY
is low during a conversion. If CONVST returns high at a
critical point during the conversion it can create small
errors. For the best results, ensure that CONVST returns
high either within 400ns after the start of the conversion
or after BUSY rises.
Figures 5 through 9 show several different modes
of operation. In modes 1a and 1b (Figures 5 and 6),
CS and RD are both tied low. The falling edge of
CONVST starts the conversion. The data outputs
are always enabled and data can be latched with the
BUSY rising edge.Mode 1a shows operation with a narrow
logic low CONVST pulse. Mode 1b shows a narrow logic
high CONVST pulse.
In mode 2 (Figure 7), CS is tied low. The falling edge of
CONVST signal again starts the conversion. Data out-
puts are in three-state until read by the MPU with the
RD signal. Mode 2 can be used for operation with a shared
MPU databus.
In slow memory and ROM modes (Figures 8 and 9),CS is
tied low and CONVST and RD are tied together. The MPU
starts the conversion and reads the output with the RD
signal. Conversions are started by the MPU or DSP (no
external sample clock).
In slow memory mode, the processor applies a logic low
to RD ( = CONVST), starting the conversion. BUSY goes
low, forcing the processor into a Wait state. The previous
conversion result appears on the data outputs. When
the conversion is complete, the new conversion results
Figure 4. CS to CONVST and RD Setup Timing
CS
CONVST
t2
t1
18523 F04
RD
CONVST
BUSY
t6
t7
DATA
DATA (N – 1)
DATA N
18523 F05
t5
tCONV
t8
Figure 5. Mode 1a CONVST Starts a Conversion. Data Outputs Always Enabled (CS = RD = 0)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com