Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1853 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1853
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853 Datasheet(HTML) 2 Page - Linear Technology

  LTC1853_15 Datasheet HTML 1Page - Linear Technology LTC1853_15 Datasheet HTML 2Page - Linear Technology LTC1853_15 Datasheet HTML 3Page - Linear Technology LTC1853_15 Datasheet HTML 4Page - Linear Technology LTC1853_15 Datasheet HTML 5Page - Linear Technology LTC1853_15 Datasheet HTML 6Page - Linear Technology LTC1853_15 Datasheet HTML 7Page - Linear Technology LTC1853_15 Datasheet HTML 8Page - Linear Technology LTC1853_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1852/LTC1853
2
18523fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS OV
DD = VDD (Note 1, 2)
ORDER INFORMATION
Supply Voltage (VDD) ..................................................6V
Analog Input Voltage (Note 3) ..... – 0.3V to (VDD + 0.3V)
Digital Input Voltage (Note 4) .................... –0.3V to 10V
Digital Output Voltage ..................–0.3V to (VDD + 0.3V)
Power Dissipation ...............................................500mW
Ambient Operating Temperature Range
LTC1852C/LTC1853C .............................. 0°C to 70°C
LTC1852I/LTC1853I............................. –40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1852CFW#PBF
LTC1852CFW#TRPBF
LTC1852CFW
48-Lead Plastic TSSOP (6.1mm)
0°C to 70°C
LTC1852IFW#PBF
LTC1852IFW#TRPBF
LTC1852IFW
48-Lead Plastic TSSOP (6.1mm)
–40°C to 85°C
LTC1853CFW#PBF
LTC1853CFW#TRPBF
LTC1853CFW
48-Lead Plastic TSSOP (6.1mm)
0°C to 70°C
LTC1853IFW#PBF
LTC1853IFW#TRPBF
LTC1853IFW
48-Lead Plastic TSSOP (6.1mm)
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC1852
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
FW PACKAGE
48-LEAD PLASTIC TSSOP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFOUT
REFIN
REFCOMP
GND
VDD
VDD
GND
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D9/S2
D8/S1
D7/S0
D6
M1
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
M0
OVDD
OGND
BUSY
NC
NC
D0
D1
D2
D3
D4
D5
LTC1853
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
FW PACKAGE
48-LEAD PLASTIC TSSOP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFOUT
REFIN
REFCOMP
GND
VDD
VDD
GND
DIFFOUT/S6
A2OUT/S5
A1OUT/S4
A0OUT/S3
D11/S2
D10/S1
D9/S0
D8
M1
SHDN
CS
CONVST
RD
WR
DIFF
A2
A1
A0
UNI/BIP
PGA
M0
OVDD
OGND
BUSY
D0
D1
D2
D3
D4
D5
D6
D7
TJMAX = 150°C, θJA = 110°C/W
TJMAX = 150°C, θJA = 110°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com