Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1702_15 Datasheet HTML 10Page - Linear Technology LTC1702_15 Datasheet HTML 11Page - Linear Technology LTC1702_15 Datasheet HTML 12Page - Linear Technology LTC1702_15 Datasheet HTML 13Page - Linear Technology LTC1702_15 Datasheet HTML 14Page - Linear Technology LTC1702_15 Datasheet HTML 15Page - Linear Technology LTC1702_15 Datasheet HTML 16Page - Linear Technology LTC1702_15 Datasheet HTML 17Page - Linear Technology LTC1702_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
LTC1702
1702fa
ripple voltage and frequency remain constant at all loads,
easing filtering requirements. Circuits that take advantage
of this behavior can force the LTC1702 to operate in
continuous mode at all loads by tying the FCB (Force
Continuous Bar) pin to ground.
Discontinuous Mode
To minimize the efficiency loss due to reverse current flow
at light loads, the LTC1702 switches to a second mode of
operation: discontinuous mode (Figure 5b). In discontinu-
ous mode, the LTC1702 detects when the inductor current
approaches zero and turns off QB for the remainder of the
switch cycle. During this time, the voltage at the SW pin
will float about VOUT, the voltage across the inductor will
be zero, and the inductor current remains zero until the
next switching cycle begins and QT turns on again. This
prevents current from flowing backwards in QB, eliminat-
ing that power loss term. It also reduces the ripple current
in the inductor as the output current approaches zero.
The LTC1702 detects that the inductor current has reached
zero by monitoring the voltage at the SW pin while QB is
APPLICATIONS INFORMATION
Figure 6. Ringing at SW Causes Discontinuous
Comparator to Trip Early
Figure 5a. Continuous Mode
Figure 5b. Discontinuous Mode
TIME
50ns
BLANK
TIME
0V
0V
5V
DISCONTINUOUS
COMPARATOR
TURNS OFF BG
VSW
VBG
1702 F06
TIME
on. Since QB acts like a resistor, SW should ideally be right
at 0V when the inductor current reaches zero. In reality, the
SW node will ring to some degree immediately after it is
switched to ground by QB, causing some uncertainty as to
the actual moment the average current in QB goes to zero.
The LTC1702 minimizes this effect by ignoring the SW
node for a fixed 50ns after QB turns on when the ringing
is most severe, and by including a few millivolts offset in
the comparator that monitors the SW node. Despite these
precautions, some combinations of inductor and layout
parasitics can cause the LTC1702 to enter discontinuous
mode erratically. In many cases, the time that QB turns off
will correspond to a peak in the ringing waveform at the
SW pin (Figure 6). This erratic operation isn’t pretty, but
retains much of the efficiency benefit of discontinuous
mode and maintains regulation at all times.
Burst Mode Operation
Discontinuous mode removes the resistive loss drop term
in QB, but the LTC1702 is still switching QT and QB on and
off once a cycle. Each time an external MOSFET is turned
on, the internal driver must charge its gate to VCC. Each
time it is turned off, that charge is lost to ground. At the
high switching frequencies that the LTC1702 operates at,
the charge lost to the gates can add up to tens of milliamps
from VCC. As the load current continues to drop, this
quickly become the dominant power loss term, reducing
efficiency once again.
TIME
IRIPPLE
IAVERAGE
1702 F05a
TIME
IRIPPLE
IAVERAGE
1702 F05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com