Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1702_15 Datasheet HTML 11Page - Linear Technology LTC1702_15 Datasheet HTML 12Page - Linear Technology LTC1702_15 Datasheet HTML 13Page - Linear Technology LTC1702_15 Datasheet HTML 14Page - Linear Technology LTC1702_15 Datasheet HTML 15Page - Linear Technology LTC1702_15 Datasheet HTML 16Page - Linear Technology LTC1702_15 Datasheet HTML 17Page - Linear Technology LTC1702_15 Datasheet HTML 18Page - Linear Technology LTC1702_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
LTC1702
1702fa
Once again, the LTC1702 switches to a new mode to
minimize efficiency loss: Burst Mode operation. As the
circuit goes deeper and deeper into discontinuous mode,
the total time QT and QB are on reduces. However, the ratio
of the time that QT is on to the time that QB is on must
remain constant for the output to stay in regulation. An
internal timer circuit forces QT to stay on for at least 10%
of a normal switching cycle. When the load drops to the
point that the output requires less than 10% on-time at QT,
the output voltage will begin to rise. The LTC1702 senses
this rise and shuts both QT and QB off completely, skip-
ping several switching cycles until the output falls back
into range. It then resumes switching in discontinuous
mode with QT at 10% duty cycle and the burst sequence
repeats. The total deviation from the regulated output is
within the 1% regulation tolerance of the LTC1702.
In Burst Mode operation, both resistive loss and switching
loss are minimized while keeping the output in regulation.
The ripple current will be set by the 10% QT on-time and
the input supply voltage and is the lowest of all three
operating modes. As the load current falls to zero in Burst
Mode operation, the most significant loss term becomes
the 3mA quiescent current drawn by each side of the
LTC1702—usually much less than the minimum load
current in a typical low voltage logic system. Burst Mode
operation maximizes efficiency at low load currents, but
can cause low frequency ripple in the output voltage as the
cycle-skipping circuitry switches on and off.
FCB Pin
In some circumstances, it is desirable to control or disable
discontinuous and Burst Mode operations. The FCB (Force
Continuous Bar) pin allows the user to do this. When the
FCB pin is high, the LTC1702 is allowed to enter discon-
tinuous and Burst Mode operations at either side as
required. If FCB is taken low, discontinuous and Burst
Mode operations are disabled and both sides of the
LTC1702 run in continuous mode regardless of load. This
does not affect output regulation but does reduce effi-
ciency at low output currents. The FCB pin threshold is
specified at 0.8V
±50mV, and includes 20mV of hyster-
esis, allowing it to be used as a precision small-signal
comparator.
APPLICATIONS INFORMATION
Paralleling Outputs
Synchronous regulators (like the LTC1702) are known for
their bullheadedness when their outputs are paralleled
with other regulators. In particular, a synchronous regu-
lator paralleled with another regulator whose output is
slightly higher (perhaps just by millivolts) will happily sink
amps of current attempting to pull its own output back
down to what it thinks is the right value.
The LTC1702 discontinuous mode allows it to be paral-
leled with another regulator without fighting. A typical
system might use the LTC1702 as a primary regulator and
a small LDO as a backup regulator to keep SRAM alive
when the main power is off. When the LTC1702 is shut
down (by pulling RUN/SS to ground), both QT and QB turn
off and the output goes into a high impedance state,
allowing the smaller regulator to support the output volt-
age. However, if the LTC1702 is powered back up in
continuous mode, it will begin a soft-start cycle with a low
duty cycle, pulling the output down and corrupting the
data stored in SRAM. The solution is to tie FCB high,
allowing the device to start in discontinuous mode. Any
reverse current flow in QB will trip the discontinuous mode
circuitry, preventing the LTC1702 from pulling down the
output. The Typical Applications section shows an
example of such a circuit.
OVERVOLTAGE FAULT
The LTC1702 includes a single overvoltage fault flag for
both channels: FAULT. FAULT is an open-drain output
with an internal 10
µA pull-up. If either FB pin rises more
than 15% above the nominal 800mV value for more than
25
µs, the overvoltage comparator will trip, setting an
internal latch. This latch releases the pull-down at FAULT,
allowing the 10
µA pull-up to take it high. When FAULT
goes high, the LTC1702 stops all switching, turns both QB
(bottom synchronous) MOSFETs on continuously and
remains in this state until both RUN/SS pins are pulled low
simultaneously, the power supply is recycled, or the
FAULT pin is pulled low externally. This behavior is in-
tended to protect a potentially expensive load from over-
voltage damage at all costs. Under some conditions, this
behavior can cause the output voltage to undershoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com