Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1702_15 Datasheet HTML 20Page - Linear Technology LTC1702_15 Datasheet HTML 21Page - Linear Technology LTC1702_15 Datasheet HTML 22Page - Linear Technology LTC1702_15 Datasheet HTML 23Page - Linear Technology LTC1702_15 Datasheet HTML 24Page - Linear Technology LTC1702_15 Datasheet HTML 25Page - Linear Technology LTC1702_15 Datasheet HTML 26Page - Linear Technology LTC1702_15 Datasheet HTML 27Page - Linear Technology LTC1702_15 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
LTC1702
1702fa
Accuracy Trade-Offs
The VDS sensing scheme used in the LTC1702 is not
particularly accurate, primarily due to uncertainty in the
RDS(ON) from MOSFET to MOSFET. A second error term
arises from the ringing present at the SW pin, which
causes the VDS to look larger than (ILOAD)(RDS(ON)) at the
beginning of QB’s on-time. These inaccuracies do not
prevent the LTC1702 current limit circuit from protecting
itself and the load from damaging overcurrent conditions,
but they do prevent the user from setting the current limit
to a tight tolerance if more than one copy of the circuit is
being built. The 50% factor in the current setting equation
above reflects the margin necessary to ensure that the
circuit will stay out of current limit at the maximum normal
load, even with a hot MOSFET that is running quite a bit
higher than its RDS(ON) spec.
FCB OPERATION/SECONDARY WINDINGS
The FCB pin can be used in conjunction with a secondary
winding on one side of the LTC1702 to generate a third
regulated voltage output. This output can be directly
regulated at the FCB pin. In theory, a fourth output could
be added, either unregulated or with additional external
circuitry at the FCB pin.
The extra auxiliary output is taken from a second winding
on the core of the inductor on one channel, converting it
into a transformer (Figure 13). The auxiliary output voltage
is set by the main output voltage and the turns ratio of the
extra winding to the primary winding. Load regulation at
the auxiliary output will be relatively good as long as the
main output is running in continuous mode. As the load on
the main channel drops and the LTC1702 switches to
discontinuous or Burst Mode operation, the auxiliary
output will not be able to maintain regulation, especially if
the load at the auxiliary output remains heavy.
To avoid this, the auxiliary output voltage can be divided
down with a conventional feedback resistor string with the
divided auxiliary output voltage fed back to the FCB pin
(Figure 13). The FCB pin threshold is trimmed to 800mV
APPLICATIONS INFORMATION
CURRENT LIMIT PROGRAMMING
Programming the current limit on the LTC1702 is straight-
forward. The IMAX pin sets the current limit by setting the
maximum allowable voltage drop across QB (the bottom
MOSFET) before the current limit circuit engages. The
voltage across QB is set by its on-resistance and the
current flowing in the inductor, which is the same as the
output current. The LTC1702 current limit circuit inverts
the voltage at IMAX before comparing it with the negative
voltage across QB, allowing the current limit to be set with
a positive voltage.
To set the current limit, calculate the expected voltage drop
across QB at the maximum desired current:
VI
R
CF
PROG
ILIM
DS ON
=
()
()+
()
ILIM should be chosen to be quite a bit higher than the
expected operating current, to allow for MOSFET RDS(ON)
changes with temperature. Setting ILIM to 150% of the
maximum normal operating current is usually safe and will
adequately protect the power components if they are
chosen properly. The CF term is an approximate factor that
corrects for errors caused by ringing on the switch node
(illustrated in Figure 6). This correction factor will change
depending on the layout and the components used, but
100mV is usually a good starting point. To provide ad-
equate margin and to accommodate for offsets and exter-
nal variations, it is recommended that VPROG be calculated
with CF = 100
± 50mV.
VPROG is then programmed at the IMAX pin using the
internal 10
µA pull-up and an external resistor:
RILIM = VPROG/10µA
The resulting value of RILIM should be checked in an actual
circuit to ensure that the ILIM circuit kicks in as expected.
MOSFET RDS(ON) specs are like horsepower ratings in
automobiles, and should be taken with a grain of salt.
Circuits that use very low values for RIMAX (< 20k) should
be checked carefully, since small changes in RIMAX can
cause large ILIM changes when the 100mV correction
factor makes up a large percentage of the total VPROG
value. If VPROG is set too low, the LTC1702 may fail to
start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com