Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS54-0001-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS54-0001-RTR
Description  Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS54-0001-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS54-0001-RTR Datasheet HTML 1Page - Tyco Electronics DS54-0001-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.0
Specifications subject to change without notice.
Low Cost Four-Way SMT Power
Splitter/Combiner, 824-960 MHz
DS54-0001
1
Features
• Small Size and Low Profile
• Industry Standard SOW-16 SMT Plastic Package
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 23 dB
• Typical Amplitude Balance: 0.3 dB
• Low Cost
• Typical Insertion Loss: 1.0dB
Description
M/A-COM’s DS54-0001is an IC-based monolithic power
splitter/combiner in a low cost SOW-16 plastic package. This
device is ideally suited for applications where PCB real estate is
at a premium and standard packaging for automated assembly
and low cost are critical.
Typical applications include
infrastructure, portables and peripheral devices (PCMCIA cards)
for wireless standards such as GSM, AMPS, CDPD, RAM and
ARDIS. Available in tape and reel.
The DS54-0001 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss
Above 6.0dB
dB
—
1.0
1.2
Isolation
dB
18
23
—
VSWR
Input
—
—
1.2:1
1.4:1
VSWR
Output
—
—
1.4:1
1.75:1
Amplitude Balance
dB
—
0.3
0.7
Phase Balance
°
—
2
4
1. All specifications apply with a 50-Ohm source and load impedance.
Ordering Information
Part Number
Package
DS54-0001
SOW-16 Lead Plastic Package
DS54-0001-TR
Forward Tape and Reel
1
DS54-0001-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOW-16


Similar Part No. - DS54-0001-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS54-0001-TR MA-COM-DS54-0001-TR Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results

Similar Description - DS54-0001-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com