Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS54-0005-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS54-0005-RTR
Description  Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS54-0005-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS54-0005-RTR Datasheet HTML 1Page - Tyco Electronics DS54-0005-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Three-Way GMIC SMT Power Divider
DS54-0005
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.
V1.00
Features
• Low Cost
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability (Lot-to-Lot Variation)
• Typical Insertion Loss: 0.8 dB
• Typical Isolation: 24 dB
• Typical Amplitude Balance: 0.3 dB
Description
M/A-COM’s DS54-0005 is an IC-based monolithic power divider
using M/A-COM’s GMIC technology in a low cost SOIC-8
plastic package. This 4-way power divider is ideally suited for
applications where PCB real estate is at a premium and standard
packaging for automated assembly and low cost are critical.
Typical applications include infrastructure, portables, and periph-
eral devices (PCMCIA cards) for wireless standards such as GSM,
AMPS, CDPD, RAM, and ARDIS. Available in tape and reel.
The DS54-0005 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
SOIC-8
1. If specific reel size is required, consult factory for part number
assignment.
Part Number
Package
DS54-0005
DS54-0005-TR
DS54-0005-RTR
SOIC 8-Lead Plastic Package
Forward Tape and Reel
1
Reverse Tape and Reel
1
1. All specifications apply with a 50-ohm source and load impedance.
Typical Electrical Specifications
1, T
A= +25ºC
Parameters
Units
Min.
Typ.
Max.
Insertion Loss Above 6.0 dB
dB
—
0.8
1.1
Isolation
dB
20
24
—
VSWR
Input
Output
—
—
—
—
1.4:1
1.25:1
1.7:1
1.5:1
Amplitude Balance
dB
—
0.3
0.6
Phase Balance
°
—
3
6
Ordering Information
Low Cost Four-Way GMIC SMT Power Divider
824 – 960 MHz
DS54-0005
Preliminary Specifications


Similar Part No. - DS54-0005-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS54-0005-TR MA-COM-DS54-0005-TR Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS54-0005-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com