Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2884 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2884
Description  BROADBAND LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2884 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2884 Datasheet HTML 1Page - RF Micro Devices RF2884 Datasheet HTML 2Page - RF Micro Devices RF2884 Datasheet HTML 3Page - RF Micro Devices RF2884 Datasheet HTML 4Page - RF Micro Devices RF2884 Datasheet HTML 5Page - RF Micro Devices RF2884 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RF2884
DS20130228
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or ssales-support@rfmd.com.
Package Drawing
QFN, 12-Lead, 3x3
Pin
Function
Description
Interface Schematic
1NC
No connection. Pin not used.
2GC
This pin selects high gain or bypass mode.
GC<0.8V, high gain.
GC>1.8V, low gain.
3NC
No connection. Pin not used.
4RF OUT
Amplifier output pin. This pin is an open-collector output. It must be biased
to VCC through a choke or matching inductor. This pin is typically matched
to 50 with a shunt bias/matching inductor and series blocking/matching
capacitor. Refer to application schematics.
See pin 6.
5NC
No connection. Pin not used.
6RF IN
RF input pin. A simple matching network is used to match to 50 .
7NC
No connection. Pin not used.
8VCC
Supplies bias to control circuitry. An external bypass capacitor may be used
to decouple bias. An external resistor also allows adjustment of the LNA
operating current. A 0 resistor allows maximum operating current.
Increasing series resistance lowers LNA current. The voltage at pin 8 must
remain above 2.0V.
9NC
No connection. Pin not used.
10
NC
No connection. Pin not used.
11
NC
No connection. Pin not used.
12
NC
No connection. Pin not used.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to a
top side ground pad which is connected to the ground plane with multiple
vias.
RF IN
RF OUT
VCC
Shaded lead is pin 1.
Dimensions in mm.
0.05
0.00
0.70
0.65
0.05 C
0.90
0.85
12°
MAX
-C-
SEATING
PLANE
3.00
2 PLCS
0.10 C B
-B-
2.75 SQ
2 PLCS
0.10 C B
2 PLCS
0.10 C A
-A-
2 PLCS
0.10 C A
3.00
0.60
0.24
TYP
0.75
0.50
0.50
1.25
0.95
SQ.
0.10
C AB
M
0.30
0.18
PIN 1 ID
R.20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com