Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2884 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2884
Description  BROADBAND LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2884 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2884 Datasheet HTML 1Page - RF Micro Devices RF2884 Datasheet HTML 2Page - RF Micro Devices RF2884 Datasheet HTML 3Page - RF Micro Devices RF2884 Datasheet HTML 4Page - RF Micro Devices RF2884 Datasheet HTML 5Page - RF Micro Devices RF2884 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or ssales-support@rfmd.com.
Ordering Information
NC
GC
NC
NC
VCC
NC
2
3
4
5
1
6
7
8
11
10
9
12
RF2884
BROADBAND LOW NOISE AMPLIFIER
The RF2884 is a low noise amplifier with a very high dynamic range designed for a
broad range of applications. This part is ideal for use as a FM LNA in cellular appli-
cations. The device functions as an outstanding front end low noise amplifier, fea-
turing very low noise figure combined with high gain, high IIP3, and low current
consumption. The product is packaged in a Pb-free, 3mmx3mm, QFN plastic pack-
age.
Features
Broadband Operation:
45MHz to 2500MHz
ESD Protection: >2kV HBM
Best-In-Class Linearity
Applications
FM Receiver LNA
UMTS LNA
Cellular CDMA LNA
General Purpose Amplifica-
tion
Commercial and Consumer
Systems
RF2884
Broadband LoW Noise Amplifier
RF2884PCBA-410
Fully Assembled Evaluation Board (LNA)
RF2884PCBA-411
Fully Assembled Evaluation Board, FM LNA
DS20130228
Package: QFN, 12-Lead, 3x3


Similar Part No. - RF2884

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF28-01-T-00-50-G ADAM-TECH-RF28-01-T-00-50-G Datasheet
77Kb / 1P
909 Rahway Avenue
RF28-01-T-00-50-G-TR ADAM-TECH-RF28-01-T-00-50-G-TR Datasheet
84Kb / 1P
RF CONNECTOR RECEPTACLE
logo
Samtec, Inc
RF280 SAMTEC-RF280 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF280-01BJ1-0100 SAMTEC-RF280-01BJ1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
RF280-01RP1-0100 SAMTEC-RF280-01RP1-0100 Datasheet
286Kb / 1P
SMA TO 18 GHz
More results

Similar Description - RF2884

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
RF Micro Devices
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
RF Micro Devices
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
logo
HBH Microwave GmbH
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
Broadband Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
logo
Marki Microwave
APM-6848 MARKIMICROWAVE-APM-6848 Datasheet
1Mb / 15P
GaAs Broadband Low Phase Noise Amplifier
APM-6849 MARKIMICROWAVE-APM-6849 Datasheet
1Mb / 14P
GaAs Broadband Low Phase Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com