Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2884 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2884
Description  BROADBAND LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2884 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2884 Datasheet HTML 1Page - RF Micro Devices RF2884 Datasheet HTML 2Page - RF Micro Devices RF2884 Datasheet HTML 3Page - RF Micro Devices RF2884 Datasheet HTML 4Page - RF Micro Devices RF2884 Datasheet HTML 5Page - RF Micro Devices RF2884 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
RF2884
DS20130228
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or ssales-support@rfmd.com.
Application Schematic
(FM LNA)
A RC feedback network is introduced here to better broad band operation.
RF2884PCBA-411, Evaluation Board, FM LNA
Typical Data for FM LNA
High Gain
Typical
Unit
Gain
15.9
dB
Input IP3
-1.58
dBm
Noise Figure
1.54
dB
Current
6.3
mA
Low Gain
Typical
Unit
Gain
-12
dB
Input IP3
29
dBm
Current
0.003
uA
Test Condition: EVB 50 , VCC=2.8V,
Room Temperature
ENABLE
C7
33 nF
C1
33 nF
R1
1 k
R2
430
C4
0.1 uF
L2
270 nH
C2
0.1 uF
2
3
4
5
1
6
7
8
11
10
9
12
L1
2.7 nH
C3
0.1 uF
L3
1.8 nH
C5
33 nF
C6
DNP
VCC
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com