Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5355 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5355 Datasheet HTML 1Page - RF Micro Devices RF5355 Datasheet HTML 2Page - RF Micro Devices RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC
Supply voltage (RF Applied)
-0.5 to 5.25
V
DC
Power Control Voltage (V
REG)
-0.5 to 3.5
V
DC Supply Current
400
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
T=+25°C; VCC=3.3V; VREG=2.85V; pulsed at 1% to 100%
duty cycle; Freq=4.9GHz to 5.85GHz; unless otherwise
noted. IEEE802.11a; IEEE802.11n; IEEE802.16e (4.9GHz
to 5.85GHz)
Frequency Range
4.90
5.85
GHz
Lower, middle and upper U-NII
Output Power
16
17
dBm
-30 to +85C, over VCC range, over frequency, and nominal
VREG
EVM*
3
4
%
RMS, mean @ POUT=17dBm at nominal conditions. Mea-
sured with a standard IEEE802.11a waveform, 54Mbps,
64QAM.
Gain
At POUT=17dBm
25
28
33
dB
4.9GHz to 5.1GHz
25
28
33
dB
5.15GHz to 5.35GHz
25
28
32
dB
5.70GHz to 5.85GHz
Gain Variance
1.5
±dB
4.9GHz to 5.850GHz,
-30°C to +85°C (in any 200MHz frequency)
OP1dB
25
dBm
VCC=3.3V, VREG=2.85V, and using CW waveform at
5.85GHz
Power Detector
POUT@8dBm
0.7
0.8
0.9
V
At nominal conditions, over operating temperature
POUT@17dBm
1.4
1.6
1.7
V
At nominal conditions, over operating temperature
Power Added Efficiency
6.6
10.8
13.7
%
At POUT=+17dBm, over temperature -30°C to +85°C, over
VCC range, and over frequency at nominal VREG
Power Supply
3.0
3.3
4.0
V
VREG Voltage
2.75
2.85
2.95
V
Recommended Operating VREG range
3.3
V
VREG should not exceed this level
Current
Operating
120
140
170
mA
At RF POUT=+17dBm with IEEE802.11a waveform and
54Mbps data rate over operating temperature range
Quiescent
95
110
mA
At nominal conditions, over operating temperature range
IREG
10
mA
Shutdown
5
A
Output VSWR
4:1
Stable and no spurs above -47dBm
10:1
No damage
*The EVM specification includes a source EVM level of 0.5% to 0.7%.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com