Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5355 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5355 Datasheet HTML 1Page - RF Micro Devices RF5355 Datasheet HTML 2Page - RF Micro Devices RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
1
6
2
5
3
8
4
7
Bias
Input
Match
Interstage
Match
Interstage
Match
Output
Match
VC1
RF IN
RF OUT
RF OUT
RF5355
3.3V, 5GHz LINEAR POWER AMPLIFIER
The RF5355 is a linear, medium-power, high-efficiency power amplifier IC
designed specifically for battery-powered WiFi applications such as PC
cards, mini PCI, and compact flash applications. It is also designed to
meet IEEE802.11a, IEEE802.11n, IEEE802.16e (4.9GHz to 5.850GHz
only) WiMax, FCC, and ETSI requirements for operation in the 4.9GHz to
5.850GHz band. The device is manufactured on an advanced InGap GaAs
Heterojunction Bipolar Transistor process, and has been designed for use
as the final RF amplifier in 5GHz WiFi and other spread-spectrum trans-
mitters. The device is provided in a QFN, 8-pin, 2.2mmx2.2mmx0.45mm,
leadless chip carrier with backside ground. The RF5355 operates from a
single supply and will be easily incorporated into WiFi and other designs
with minimal external components.
Features
Single Supply Voltage 3.0V to
5.0V
No external matching compo-
nents
28dB Typical Gain Across
Band
POUT=17dBm@<4% TYP
EVM across Operating Band
4900MHz to 5850MHz Fre-
quency Range
Applications
IEEE802.11a/n and
IEEE802.16e Applications
HyperLAN
WiFi Systems
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5355
Standard 25 piece bag
RF5355SR
Standard 100 piece reel
RF5355TR7
Standard 2500 piece reel
RF5355PCK-410
Fully Assembled Evaluation Board and 5 loose sample pieces.
DS110618
Package Style: QFN, 8-Pin, 2.2mmx2.2mmx0.45mm


Similar Part No. - RF5355

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5355

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2840-MAX2841 MAXIM-MAX2840-MAX2841 Datasheet
750Kb / 9P
5GHz Linear Power Amplifiers
Rev 2; 8/03
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
RF Micro Devices
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com