Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5355 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices RF5355 Datasheet HTML 10Page - RF Micro Devices RF5355 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5355 is a three-stage device with a minimum gain of 28dB in the 4.9GHz to 5.850GHz ISM band. The RF5355 is
designed primarily for IEEE802.11a, IEEE802.11n, and IEEE802.16e in the 4.9GHz to 5.850GHz band where the available
supply voltage and current are limited. This amplifier will operate to (and below) the lowest expected voltage made available by
a typical PCMCIA slot in a laptop PC, and will maintain required linearity at decreased supply voltages.
The RF5355 requires only a single positive supply of 3.3V nominal (or greater) to operate to full specifications. Power control is
provided through one bias pin, VREG. The three bias voltages for the three stages are connected together on the die and only
one bias control voltage is needed (VREG). There is no external matching required on the input and output of the part, thus
allowing a minimal bill of material (BOM) parts count in end applications. Both the input and the output of the device are DC-
blocked.
For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground
layout and ground vias. Other configurations may also work, but the design process is much easier and quicker if the layout is
copied from the RF5355 evaluation board. Gerber files of our designs are available on request. The RF5355 is not a difficult
part to implement, but care in circuit layout and component selection is always advisable when designing circuits to operate at
5GHz.
The RF5355 has primarily been characterized with a voltage on VREG of 2.85VDC. However, the RF5355 will operate from a
wide range of control voltages. If you prefer to use a control voltage that is significantly different than 2.85VDC, contact RFMD
Sales or Applications Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com