Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5632 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5632
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5632 Datasheet HTML 1Page - RF Micro Devices RF5632 Datasheet HTML 2Page - RF Micro Devices RF5632 Datasheet HTML 3Page - RF Micro Devices RF5632 Datasheet HTML 4Page - RF Micro Devices RF5632 Datasheet HTML 5Page - RF Micro Devices RF5632 Datasheet HTML 6Page - RF Micro Devices RF5632 Datasheet HTML 7Page - RF Micro Devices RF5632 Datasheet HTML 8Page - RF Micro Devices RF5632 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 of 18
RF5632
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage, RF Applied
-0.5 to +5.25
VDC
Supply Voltage, no RF Applied
-0.5 to +6.0V
VDC
DC Supply Current (RMS)
1200
mA
Input RF Power with 50
 Output Load
+10
dBm
Input RF Power with non-50
 Output Load
+5
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WLAN IEEE802.11b/g/n
Nominal Condition T=25 °C, VCC=5.0V, VREG 1, 2,
and 3=5.0V, Frequency=2400MHz to 2500MHz,
Duty Cycle 10% to 100% unless otherwise noted.
Frequency Range
2400
2500
MHz
Compliance
IEEE802.11g/n and IEEE802.11b
Output Power
28
28.5
dBm
With a standard IEEE802.11g waveform (54Mbits),
VCC=5.0V
EVM
2.5
3
%
54Mbps 11g Modulation: RMS, Mean; at POUT -
28dBm; Duty Cycle 100%
Gain
32
34
36
At rated POUT
Low Gain Mode - Gain Reduction
26
dB
Drop in gain versus high gain mode, by setting
VREG2=0.0V
IEEE802.11b POUT
30
30.5
dBm
ACP1
-33
dBc
Using 11b waveform at 1Mbps
ACP2
-53
dBc
Using 11b waveform at 1Mbps
Input Return Loss
-12
-8
dB
Power Detect Voltage
0.2
2.2
V
POUT=0 to 30dBm. Usable power detector range is
POUT=0 to 34dBm.
Noise Figure
5
dB
Power Supply
Operating Voltage
5
5.25
V
At VCC1, VCC2, VCC3, and VBIAS
VREG1, VREG2, VREG3 Input Voltage
4.75
5
5.25
VDC
Operating
Current
Operating
800
1000
mA
At POUT=28dBm and VCC=5.0V
Quiescent
400
500
600
mA
VCC=5.0V; VREG=5.0V
IREG
810
mA
VCC=5.0V; VREG=5.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com