Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5632 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5632
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5632 Datasheet HTML 1Page - RF Micro Devices RF5632 Datasheet HTML 2Page - RF Micro Devices RF5632 Datasheet HTML 3Page - RF Micro Devices RF5632 Datasheet HTML 4Page - RF Micro Devices RF5632 Datasheet HTML 5Page - RF Micro Devices RF5632 Datasheet HTML 6Page - RF Micro Devices RF5632 Datasheet HTML 7Page - RF Micro Devices RF5632 Datasheet HTML 8Page - RF Micro Devices RF5632 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
N/C
N/C
N/C
RFIN
RFOUT
1
2
3
4
5
17
16
15
14
13
24
23
22
21
N/C
N/C
7
8
9
10
11
N/C
RF OUT
20
6
VREG1
12
RFOUT
18 RF OUT
19
Input
Match
Interstage
Match
Interstage
Match
Power
Detector
Bias
RF5632
SINGLE 5.0V, 2.3 TO 2.7 GHZ
LINEAR POWER AMPLIFIER
The RF5632 is a linear power amplifier IC designed specifically for WiMAX
or WLAN final or driver stage applications. The device is manufactured on
an advanced InGaP Heterojunction Bipolar Transistor (HBT) process, and
is provided in a leadless chip carrier with a backside ground. The RF5632
is designed to maintain linearity over a wide range of temperatures and
power outputs. The external match offers tunability for output power over
multiple bands. RF5632 features internal input and interstage match, Low
Gain mode, and output power detector.
Features
34dB Small Signal Gain (Typ.)
High Gain; 34dB
2.5% EVM WiMAX
+28.5dBm, 5.0V
2.5% EVM WLAN at 28.5dBm,
5.0V
Multiple Frequency Ranges
High Efficiency
Applications
IEEE 802.11b/g/n WiFi Systems
2.4GHz ISM Band Applications
Commercial and Consumer
Systems
WiBro 2.3GHz to 2.4GHz Band
Applications
WiFi 2.4GHz to 2.5GHz Band
Applications
WiMAX 2.5GHz to 2.7GHz Band
Applications
DS120213
RF5632Single
5.0V, 2.3 to
2.7 GHz Linear
Power Ampli-
fier
Package Style: QFN, 24-Pin, 4mmx4mmx0.9mm


Similar Part No. - RF5632

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633HPCK-410 RFMD-RF5633HPCK-410 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633LPCK-410 RFMD-RF5633LPCK-410 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633SQ RFMD-RF5633SQ Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633SR RFMD-RF5633SR Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5632

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
2.3-2.7 GHz Low Noise Amplifier
logo
Microsemi Corporation
LX5537 MICROSEMI-LX5537 Datasheet
112Kb / 2P
InGaP HBT 2.3 - 2.7 GHz Power Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com