Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5632 Datasheet (PDF) - RF Micro Devices

Part # RF5632
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
File Size   1710.3 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RF5632

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633HPCK-410 RFMD-RF5633HPCK-410 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633LPCK-410 RFMD-RF5633LPCK-410 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633SQ RFMD-RF5633SQ Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5633SR RFMD-RF5633SR Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
More results


Similar Description - RF5632

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
High Power Linear Amplifier 2.3 - 2.8 GHz
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
2.3-2.7 GHz Low Noise Amplifier
logo
Microsemi Corporation
LX5537 MICROSEMI-LX5537 Datasheet
112Kb / 2P
InGaP HBT 2.3 - 2.7 GHz Power Amplifier
logo
RF Micro Devices
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com