Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5633 Datasheet (PDF) - RF Micro Devices

RF5633 Datasheet PDF - RF Micro Devices
Part # RF5633
Download  RF5633 Download
File Size   1087.83 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER

RF5633 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5633 Datasheet PDF - RF Micro Devices

Part # RF5633
Download  RF5633 Click to download

File Size   1087.83 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER

RF5633 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF5633

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-410 RFMD-RF5632PCK-410 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-411 RFMD-RF5632PCK-411 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-412 RFMD-RF5632PCK-412 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632SB RFMD-RF5632SB Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
More results


Similar Description - RF5633

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
3.3-3.8GHz 2W Power Amplifier
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
BeRex Corporation
BVA3143 BEREX-BVA3143 Datasheet
1Mb / 18P
3.3 ??3.8GHz Medium Power Digital Variable Gain Amplifier
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com