Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5633 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5633
Description  SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5633 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5633 Datasheet HTML 1Page - RF Micro Devices RF5633 Datasheet HTML 2Page - RF Micro Devices RF5633 Datasheet HTML 3Page - RF Micro Devices RF5633 Datasheet HTML 4Page - RF Micro Devices RF5633 Datasheet HTML 5Page - RF Micro Devices RF5633 Datasheet HTML 6Page - RF Micro Devices RF5633 Datasheet HTML 7Page - RF Micro Devices RF5633 Datasheet HTML 8Page - RF Micro Devices RF5633 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5633
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IEEE802.16e, 5.0V
Nominal Condition T=25 °C, VCC=5.0V,
VREG 1, 2, and 3=5.0V, Frequency=3.6GHz to
3.8GHz, using a standard IEEE802.16e
16QAM 10MHz BW waveform at 37% duty
cycle unless otherwise noted.
Compliance
IEEE802.16e
Frequency
3.6
3.8
GHz
Output Power
25.5
27
dBm
With IEEE802.16e, 16 QAM standard waveform
at <2.5% EVM
EVM
2.5
3
%
802.16e increase in EVM over EVM floor; RF
POUT=+27dBm
Stability
0
34
dBm
PA should be stable when POUT is measured
from 0 to 34dBm
Gain
32.5
34.5
36.5
POUT=27dBm
Gain Variation over Temperature
±2
dB
Low Gain Mode - Gain reduction
22
dB
Drop in gain versus high gain mode, by setting
VREG2=0V
Gain flatness, high gain mode and
low gain mode
3
dB
Peak-Peak over any 200MHz bandwidth.
Power Detect Voltage
0.2
1.8
V
POUT=10 to 30dBm.
Noise Figure
5
dB
Current
Operating
1000
1350
mA
RF POUT=+27dBm, Over Temperature -40°C to
+85°C
Quiescent
600
800
mA
RF=OFF, VCC=+5V, VREG=5V, Over Tempera-
ture -40°C to +85°C
IREG
6
10
mA
RF POUT=+27dBm VCC=+5V, VREG=5V, Over
Temperature -40°C to +85°C
Shutdown
5
30
uA
RF=OFF, VCC=+5V, VREG=0V, Over Tempera-
ture -40°C to +85°C
Power Supply
5
5.25
V
VREG1, VREG2, VREG3 Input Voltage
4.85
5
5.15
V
Turn-on time from setting of VREG
400
1500
nsec
Output stable to within 90% of final gain
Input Return Loss
-15
-10
dB
Output Return Loss
-10
-7
dB
Stable into Output VSWR
4:1
No spurs above -47dBm
No damage into Output VSWR
10:1
+5dBm PIN
ESD
Human Body Model
500
V
Charge Device Model
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com