Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5633 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5633
Description  SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5633 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5633 Datasheet HTML 1Page - RF Micro Devices RF5633 Datasheet HTML 2Page - RF Micro Devices RF5633 Datasheet HTML 3Page - RF Micro Devices RF5633 Datasheet HTML 4Page - RF Micro Devices RF5633 Datasheet HTML 5Page - RF Micro Devices RF5633 Datasheet HTML 6Page - RF Micro Devices RF5633 Datasheet HTML 7Page - RF Micro Devices RF5633 Datasheet HTML 8Page - RF Micro Devices RF5633 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF5633
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
3
RFIN
RF input. This pin is matched to 50
 and in DC-blocked internally.
6
VREG1
First stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
7
VREG2
Second stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
9
VREG3
Third stage input bias voltage. This pin requires a regulated supply to maintain nominal bias current.
10
PDET
Power detector provides an output voltage proportional to the RF level VCC3/RF OUT.
11
ACG
AC ground requires capacitor to ground.
13-18 VCC3/RFOUT RF output and bias for third stage. Output is externally matched to 50 and needs a DC-block.
19
VC2
Second stage supply voltage.
21
VC1
First stage supply voltage.
22
VBIAS
Supply voltage for the bias reference and control circuits. May be connected with VCC1, VCC2, VCC3 as long as
appropriate isolation is provided.
1, 2,
4, 5,
8, 12,
20,
23, 24
N/C
No internal connection. May be connected to ground.
Pkg
Base
GND
Ground connection. The back side of the package should be connected to the ground plane through as short a
connection as possible, e.g., PCB vias under the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com