Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5633 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5633
Description  SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5633 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5633 Datasheet HTML 1Page - RF Micro Devices RF5633 Datasheet HTML 2Page - RF Micro Devices RF5633 Datasheet HTML 3Page - RF Micro Devices RF5633 Datasheet HTML 4Page - RF Micro Devices RF5633 Datasheet HTML 5Page - RF Micro Devices RF5633 Datasheet HTML 6Page - RF Micro Devices RF5633 Datasheet HTML 7Page - RF Micro Devices RF5633 Datasheet HTML 8Page - RF Micro Devices RF5633 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF5633
SINGLE 5.0V, 3.3 TO 3.8GHZ
LINEAR POWER AMPLIFIER
The RF5633 is a linear power amplifier IC designed specifically for WiMAX
final or driver stage applications. The device is manufactured on an
advanced InGaP Heterojunction Bipolar Transistor (HBT) process, and is
provided in a leadless chip carrier with a backside ground. The RF5633 is
designed to maintain linearity over a wide range of temperatures and
power outputs. The external match offers tunability for output power over
multiple bands. RF5633 features internal input and interstage match,
power down mode, and power detector.
Features
High Gain; 34dB
Supports Low Gain Mode
2.5% EVM WiMAX
+28dBm, 5.0V
Integrated Power Detector
Multiple Frequency Ranges
Applications
WiMAX Customer Premises
Equipment
WiMAX Access Points
IEEE 802.16 WiMAX Systems
RF5633SQ
Standard 25 piece bag
RF5633SR
Standard 100 piece reel
RF5633TR13
Standard 2500 piece reel
RF5633LPCK-410
3.4GHz to 3.6GHz WiMAX Evaluation PCBA with 5 loose pcs
RF5633HPCK-410 3.6GHz to 3.8GHz WiMAX Evaluation PCBA with 5 loose pcs
DS120213
RF5633Single
5.0V, 3.3 to
3.8GHz Linear
Power Ampli-
fier
Package Style: QFN, 24-Pin, 4mmx4mmx0.9mm


Similar Part No. - RF5633

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-410 RFMD-RF5632PCK-410 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-411 RFMD-RF5632PCK-411 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632PCK-412 RFMD-RF5632PCK-412 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RF5632SB RFMD-RF5632SB Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5633

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
3.3-3.8GHz 2W Power Amplifier
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
RF5632 RFMD-RF5632 Datasheet
1Mb / 18P
SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
BeRex Corporation
BVA3143 BEREX-BVA3143 Datasheet
1Mb / 18P
3.3 ??3.8GHz Medium Power Digital Variable Gain Amplifier
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com